Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8750LSEFL/R Datasheet(PDF) 51 Page - Wolfson Microelectronics plc

Part # WM8750LSEFL/R
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750LSEFL/R Datasheet(HTML) 51 Page - Wolfson Microelectronics plc

Back Button WM8750LSEFL/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8750LSEFL/R Datasheet HTML 55Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
51
-10
-8
-6
-4
-2
0
0
5000
10000
15000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5000
10000
15000
20000
Frequency (Fs)
Figure 39 De-emphasis Frequency Response (44.1kHz)
Figure 40 De-emphasis Error (44.1kHz)
-10
-8
-6
-4
-2
0
0
5000
10000
15000
20000
Frequency (Fs)
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0
5000
10000
15000
20000
Frequency (Fs)
Figure 41 De-emphasis Frequency Response (48kHz)
Figure 42 De-emphasis Error (48kHz)
HIGHPASS FILTER
The WM8750L has a selectable digital highpass filter in the ADC filter path to remove DC offsets. The filter response is
characterised by the following polynomial:
Figure 43 ADC Highpass Filter Response
1 - z-1
1 - 0.9995z-1
H(z) =
-15
-10
-5
0
0
0.0005
0.001
0.0015
0.002
Frequency (Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com