Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM70NF232K Datasheet(PDF) 3 Page - Amphenol Corporation

Part # HM70NF232K
Description  Low cost, solid state temperature sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

HM70NF232K Datasheet(HTML) 3 Page - Amphenol Corporation

  HM70NF232K Datasheet HTML 1Page - Amphenol Corporation HM70NF232K Datasheet HTML 2Page - Amphenol Corporation HM70NF232K Datasheet HTML 3Page - Amphenol Corporation HM70NF232K Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type NDU Specifications
Leadless chip thermistor
Description
A range of leadless chip thermistors.
Options
Other resistance values in the range shown; e.g., code
NDU152C2R1 for 1500 W ±1% at 77°F (25°C)
• Reference temperature in the range of 32°F (0°C)
up to the maximum operating temperature
• Resistance value outside the ranges shown with
modified dimensions
Data
• Minimum operating temperature: -40°F (-40°C)
• Maximum operating temperature: See table below
• Resistance tolerance: ±3% or greater
• Electrode: Thick film silver
• Packaging/MOQ: 1000/box
0.039 in (1 mm)
maximum
0.078 in (2 mm)
maximum
0.5 in (12.7 mm) maximum
R25 Ω
Material
System
B 25/85
K
Maximum
temp. °F (°C)
Code
R25 ± 3%
Code
R25 ± 5%
Code
R25 ± 10%
1000
2
3540 ± 1%
257 (125)
NDU102C2R3
NDU102C2R5
NDU102C2R10
2000
2
3540 ± 1%
257 (125)
NDU202C2R3
NDU202C2R5
NDU202C2R10
5000
2
3540 ± 1%
257 (125)
NDU502C2R3
NDU502C2R5
NDU502C2R10
1000
2A
3627 ± 1%
257 (125)
NDU102C2AR3
NDU102C2AR5
NDU102C2AR10
2000
2A
3627 ± 1%
257 (125)
NDU202C2AR3
NDU202C2AR5
NDU202C2AR10
5000
2A
3627 ± 1%
257 (125)
NDU502C2AR3
NDU502C2AR5
NDU502C2AR10
2700
1
3977± 0.75%
311 (155)
NDU272C1R3
NDU272C1R5
NDU272C1R10
5000
1
3977± 0.75%
311 (155)
NDU502C1R3
NDU502C1R5
NDU502C1R10
10000
1
3977± 0.75%
311 (155)
NDU103C1R3
NDU103C1R5
NDU103C1R10
30000
1
3977± 0.75%
311 (155)
NDU303C1R3
NDU303C1R5
NDU303C1R10
50000
1
3977± 0.75%
311 (155)
NDU503C1R3
NDU503C1R5
NDU503C1R10
2700
3
3960± 1%
311 (155)
NDU272C3R3
NDU272C3R5
NDU272C3R10
5000
3
3960± 1%
311 (155)
NDU502C3R3
NDU502C3R5
NDU502C3R10
10000
3
3960± 1%
311 (155)
NDU103C3R3
NDU103C3R5
NDU103C3R10
30000
3
3960± 1%
311 (155)
NDU303C3R3
NDU303C3R5
NDU303C3R10
50000
3
3960± 1%
311 (155)
NDU503C3R3
NDU503C3R5
NDU503C3R10
10000
4
3435 ± 1%
230 (110)
NDU103C4R3
NDU103C4R5
NDU103C4R10
30000
4
3435 ± 1%
230 (110)
NDU303C4R3
NDU303C4R5
NDU303C4R10
50000
4
3435 ± 1%
230 (110)
NDU503C4R3
NDU503C4R5
NDU503C4R10
NTC Type NDU dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com