Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JC502C3R5/X Datasheet(PDF) 3 Page - Amphenol Corporation

Part # JC502C3R5/X
Description  Suitable for use in conditions of high
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JC502C3R5/X Datasheet(HTML) 3 Page - Amphenol Corporation

  JC502C3R5/X Datasheet HTML 1Page - Amphenol Corporation JC502C3R5/X Datasheet HTML 2Page - Amphenol Corporation JC502C3R5/X Datasheet HTML 3Page - Amphenol Corporation JC502C3R5/X Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type JC Specifications
Description
A range of temperature sensing elements on a
ceramic/metal shoe assembly, held in a polymer
housing and provided with connector tabs. The housing
is fitted with a spring metal clip for pipe attachment.
The elements available are NTC, PTC, SLN (silicon linear
PTC) and PRT (Pt).
Options
• Other resistance – temperature characteristics
• Special pipe sizes
• Waterproof version – JW (see page 2)
General Data
• Minimumoperatingtemperature:32°F(0°C)
• Maximumtemperature:212°F(100°C)(sensor)185°F
(85°C) (housing)
• Dissipationfactor:=2mW/K(mountedoncopperpipe
at 77°F (25°C))
• Isolationvoltage:500VDC
• Clipforce:<50Nformounting/de-mountingonpipe
5N will not cause rotation on pipe
• Shoematerial:Platedbrass
• Bodymaterial:Nylon
• Packquantity&MOQ:200pcs
NTC Data
For codes, see below.
Code
Nominal Resistance
Tolerances
B 25/85
K
Identification
color dot
77°F
25°C
140°F
60°C
185°F
85°C
77°F
25°C
140°F
60°C
185°F
85°C
Ω
Ω
Ω
±%
±°C
±%
±°C
±%
±°C
JC502C3R5/X
4990
1250
540
6.46
1.48
5.00
1.40
5.90
1.87
3960 ± 1%
Orange
JC103C3R5/X
9983
2500
1079
6.46
1.48
5.00
1.40
5.90
1.87
3960 ± 1%
None
JC103C4R5/X
9925
3000
1441
6.26
1.67
5.00
1.60
5.77
2.09
3435 ± 1%
Yellow
PTC Data
•Maximumappliedvoltage:30V
•Maximumappliedvoltagefortemperaturesensing:2.5V
For codes, see below.
TNF
-20°C to TNF –20°C
77°F (25°C)
TNF -5°C
TNF + 5°C
TNF + 23°C
Identification dots
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
JC060/X
60°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/Gray
JC070/X
70°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/Brown
JC080/X
80°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/White



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com