Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JC-PRT-13 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # JC-PRT-13
Description  Suitable for use in conditions of high
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

JC-PRT-13 Datasheet(HTML) 4 Page - Amphenol Corporation

  JC-PRT-13 Datasheet HTML 1Page - Amphenol Corporation JC-PRT-13 Datasheet HTML 2Page - Amphenol Corporation JC-PRT-13 Datasheet HTML 3Page - Amphenol Corporation JC-PRT-13 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silistor Data
Code: JC202SLN1/X
Measurements made at 1 mA
0.394 in (10 mm)
0.197 in
(5 mm)
Housing length
(along pipe) = 0.63 in (16 mm)
Clip
Shoe
Housing
Tab 0.11 in (2.8 mm) X (0.02 in) 0.5 mm
0.7 in (17.8 mm)
77°F (25°C)
140°F (60°C)
185°F (85°C)
Resistance Ω
1980 – 2020
2577.1 – 2641.3
3024.2 – 3146.5
Temperature
Deviation
±2.29°F (±1.27°C)
±4.10°F (±2.28°C)
±5.4°F (±3.0°C)
PRT Data
•Tolerance:ClassA
•Code:JC102PRTA/X
Refer to separate tables for RvT
32°F (0°C)
77°F (25°C) 140°F (60°C)
185°F (85°C)
Resistance Ω
1000
1097
1232
1328
Temperature
Deviation
±0.27°F
(±0.15°C)
±0.36°F
(±0.2°C)
±0.49°F
(±0.27°C)
±0.58°F
(±0.32°C)
Ordering Information
Thecodenumbertobeorderedmaybespecifiedasfollows:
Code
Type
JC
Clip-On Pipe Sensor
Code
Type
X
NTC(SeeNTCDataTableonpage3)
PTC(SeePTCDataTableonpage3)
SLN(SeeSilistorDataTable)
PRT(SeePRTDataTable)
Code
Pipe Diameter Range in mm
13
13 - 15
17
17 - 18.5
20
20 - 22
26
26 - 27.5
28
28 - 30
F
Flat Surface
JC -
____ - ____
Typical model number
Clip Size is specified in the codes above as shown in the table
on the top.
AAS-920-349D-03/2014
www.amphenol-sensors.com
© 2014 Amphenol Corporation. All Rights Reserved. Specifications are subject to change without notice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
Type JC Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com