Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC35005 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # KBPC35005
Description  SINGLE PHASE 35AMP GLASS PASSIVATED BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

KBPC35005 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  KBPC35005 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. KBPC35005 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. KBPC35005 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Average Rectified Output Current (Note 1)@T =90
400
1.1
Forward Voltage per element
@IF=17.5A
SINGLE PHASE
AMP GLASS PASSIVATED BRIDGE RECTIFIER
KBPC35005 THRU KBPC3510
300
Plastic material-UL flammability 94V-0
C
Typical Junction Capacitance per leg (Note 2)
Peak Reverse Current
@T =25
At Rated DC Blocking Voltage
@T =125
A
35.0
35.0
3510
3508
3506
3504
3502
3501
35005
Typical Thermal Resistance per leg
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
1.2
Single Phase, half wave, 60Hz, resistive or inductive load.
ambient temperature unless otherwise specified.
·
Lead Free: For RoHS / Lead Free Version
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Features
Mechanical Data
Polarity: As Marked on Case
Mounting Position: Any
Marking: Type Number
Maximum Ratings and Electrical Characteristics
For capacitive load, derate current by 20%.
· Glass passivated die construction
Low forward voltage drop
· High current capability
· High surge current capability
·
·
·
·
·
·
·
Rating at 25℃
SYMBOL
V
VRWM
VDC
VRMS
35
70
140
280
420
560
700
VFM
RθJL
TJ,TSTG
℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
℃
℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
uA
pF
℃/W
IR
5.0
500
A
V
IFSM
UNITS
V
V
A
1000
100
200
400
600
800
50
TYPE NUMBER
version:00
A
J
dimensions in inches and (millimeters)
RRM
1 of 3
www.dyelec.com
KBPC KBPC KBPC KBPC KBPC KBPC KBPC
t
I2t Rating for Fusing (t < 8.3ms)
2
I
664
Case: KBPC,Molded Plastic
C
Note:1. Mounted on 35mm x 35mm x 17mm Al Plate Heatsink.
A
2s
IF(AV)
KBPC
HOLE
FOR
#10
SCREW
~
+
~
-
+
+
+
-
-
-


Similar Part No. - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KBPC35005 WINGS-KBPC35005 Datasheet
399Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 35 Amperes)
logo
Semtech Corporation
KBPC35005 SEMTECH-KBPC35005 Datasheet
215Kb / 2P
10A/15A/25A/35A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC35005 SSE-KBPC35005 Datasheet
17Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
KBPC35005 DCCOM-KBPC35005 Datasheet
560Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - KBPC35005

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
DIYI Electronic Technol...
GBJ35005G DYELEC-GBJ35005G Datasheet
4Mb / 3P
SINGLE PHASE 35AMP GLASS PASSIVATED BRIDGE RECTIFIER
GBJ35005A DYELEC-GBJ35005A Datasheet
4Mb / 3P
SINGLE PHASE 35AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com