Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG417BAK/883 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG417BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG417BAK/883 Datasheet(HTML) 8 Page - Vishay Siliconix

  DG417BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG417BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
www.vishay.com
8
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
TEST CIRCUITS
FIGURE 5. Charge Injection
FIGURE 6. Crosstalk (DG419B)
CL
10 nF
D
Rg
VO
V+
S
V-
3 V
IN
VL
- 15 V
GND
+15 V
+5 V
OFF
ON
OFF
VO
DVO
INX
Q =
DVO x CL
Rg = 50 W
IN
0.8 V
VL
V+
V-
XTALK Isolation = 20 log
VO
VS
GND
S2
VS
VO
S1
RL
D
C = RF bypass
50
W
+15 V
- 15 V
C
C
+5 V
C
V+
S
VL
Rg = 50 W
D
-15 V
VS
GND
V-
C
RL
IN
VO
0V, 2.4 V
Off Isolation = 20 log
VO
VS
+5 V
C
+15 V
C
FIGURE 7. Off Isolation
FIGURE 8. Insertion Loss
S
VS
VO
0V, 2.4 V
IN
RL
VL
D
Rg = 50 W
+5 V
- 15 V
GND
V -
C
C
+15 V
V+
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com