Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DG418BAK/883 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG418BAK/883
Description  Precision CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BAK/883 Datasheet(HTML) 7 Page - Vishay Siliconix

  DG418BAK/883 Datasheet HTML 1Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 2Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 3Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 4Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 5Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 6Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 7Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 8Page - Vishay Siliconix DG418BAK/883 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DG417B/418B/419B
Vishay Siliconix
New Product
Document Number: 72107
S-31538—Rev. B, 11-Aug-03
www.vishay.com
7
TEST CIRCUITS
FIGURE 2. Switching Time (DG417B/418B)
FIGURE 3. Break-Before-Make (DG419B)
CL (includes fixture and stray capacitance)
RL
RL + rDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
VL
GND
VO
"10 V
V+
RL
300
W
+15 V
+5 V
VO is the steady state output with the switch on.
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50%
0 V
VO
VS
tr <5 ns
tf <5 ns
tOFF
tON
90%
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.
IN
VL
VS1
D
V-
VS2
S2
V+
S1
- 15 V
GND
+15 V
+5 V
CL
35 pF
VO
RL
300
W
CL (includes fixture and stray capacitance)
0 V
3 V
0 V
Logic
Input
Switch
Output
VO
VS1 = VS2
tr <5 ns
tf <5 ns
90%
tD
tD
FIGURE 4. Transition Time (DG419B)
CL (includes fixture and stray capacitance)
VL
RL
RL + rDS(on)
VO = VS
V-
V+
IN
CL
35 pF
RL
300
W
D
VO
S2
S1
VS2
VS1
- 15 V
GND
+15 V
+5 V
0 V
3 V
50%
Logic
Input
Switch
Output
VS1
tr <5 ns
tf <5 ns
10%
tTRANS
90%
V01
VS2
V02
tTRANS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com