Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RPC-3.50 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # RPC-3.50
Description  Cable assembly
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

RPC-3.50 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  RPC-3.50 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG RPC-3.50 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
Cable assembly
RPC-3.50 Plug / Jack– RTK 162 - VA Armour
LU7-039-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Ω
Frequency
DC to 26.5 GHz
Return loss
1
≥ 26 dB, DC to 4 GHz
≥ 20 dB, 4 GHz to 26.5 GHz
Insertion loss
1
see table “Available variants”
RF-leakage
≥ 100 dB up to 1 GHz
1 Return Loss and Insertion Loss includes the measurement adaptor
Stability data
(acc. VDI/VDE/DGQ/DKD 2622 part 19)
Insertion loss stability:
After 90° bending
≤ 0.03 dB, DC to 4 GHz
≤ 0.05 dB, 4 GHz to 26.5 GHz
≤ 1.0°, DC to 4 GHz
≤ 3.0°, 4 GHz to 26.5 GHz
Straight after 3x90° bending
≤ 0.5°, DC to 4 GHz
≤ 1.5°, 4 GHz to 26.5 GHz
Return loss stability:
After 90° bending
≥ 48 dB, DC to 4 GHz
≥ 40 dB, 4 GHz to 26.5 GHz
Individual testing and
documentation:
Measurement plot with all 4 S-Parameters (S11; S22; S21; S12) and the care and handling instruction are
included with the cable assembly. Auxiliary adaptors used are mentioned in the commentary field.
Mechanical data
Minimum bend radius:
60 mm
Environmental data
Operating temperature range
2
+20 °C to +26 °C
Rated temperature range of use
3
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
2
Temperature range over which these specification are valid.
3
This range is underneath and above the operating temperature range, within the cable assembly is fully functional
and could be used without damage.
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
09.01.17
Herbert Babinger
26.01.147
h00
17-s039
M.Ruf
26.01.17
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com