Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8661ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8661ACPZ-R2
Description  Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8661ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8661ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8661ACPZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Data Sheet
AD8661/AD8662/AD8664
Rev. E | Page 15 of 16
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8661ARZ
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8661ARZ-REEL
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8661ARZ-REEL7
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8661ACPZ-R2
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
A0M
AD8661ACPZ-REEL7
−40°C to +85°C
8-Lead Lead Frame Chip Scale Package [LFCSP]
CP-8-13
A0M
AD8662ARZ
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8662ARZ-REEL
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8662ARZ-REEL7
−40°C to +125°C
8-Lead Small Outline Package [SOIC_N]
R-8
AD8662ARMZ
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A10
AD8662ARMZ-REEL
−40°C to +125°C
8-Lead Mini Small Outline Package [MSOP]
RM-8
A10
AD8664ARZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
AD8664ARZ-REEL
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
AD8664ARZ-REEL7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
AD8664ARUZ
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
AD8664ARUZ-REEL
−40°C to +125°C
14-Lead Thin Shrink Small Outline Package [TSSOP]
RU-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com