Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS952601YGLFT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS952601YGLFT
Description  Programmable Timing Control Hub??for Next Gen P4??processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952601YGLFT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS952601YGLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS952601YGLFT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated
Circuit
Systems, Inc.
ICS952601
0701G—10/13/04
Pin Configuration
Recommended Application:
CK409 clock, Intel Yellow Cover part
Output Features:
•
3 - 0.7V current-mode differential CPU pairs
•
1 - 0.7V current-mode differential SRC pair
•
7 - PCI (33MHz)
•
3 - PCICLK_F, (33MHz) free-running
•
1 - USB, 48MHz
•
1 - DOT, 48MHz
•
2 - REF, 14.318MHz
•
4 - 3V66, 66.66MHz
•
1 - VCH/3V66, selectable 48MHz or 66MHz
Key Specifications:
•
CPU/SRC outputs cycle-cycle jitter < 125ps
•
3V66 outputs cycle-cycle jitter < 250ps
•
PCI outputs cycle-cycle jitter < 250ps
•
CPU outputs skew: < 100ps
•
+/- 300ppm frequency accuracy on CPU & SRC clocks
Programmable Timing Control Hub™ for Next Gen P4™ processor
Functionality
Features/Benefits:
•
Supports tight ppm accuracy clocks for Serial-ATA.
•
Supports spread spectrum modulation, 0 to -0.5%
down spread.
•
Supports CPU clks up to 400MHz in test mode.
•
Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning.
•
Supports undriven differential CPU, SRC pair in PD#
and CPU_STOP# for power management.
56-pin SSOP & TSSOP
B6b5 FS_A FS_B
CPU
MHz
SRC
MHz
3V66
MHz
PCI
MHz
REF
MHz
USB/DOT
MHz
0
0
100
100/200 66.66
33.33 14.318
48.00
0MID
Ref/N0 Ref/N1 Ref/N2 Ref/N3 Ref/N4
Ref/N5
0
1
200
100/200 66.66
33.33 14.318
48.00
1
0
133
100/200 66.66
33.33 14.318
48.00
1
1
166
100/200 66.66
33.33 14.318
48.00
1
MID
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
0
0
200
100/200 66.66
33.33 14.318
48.00
0
1
400
100/200 66.66
33.33 14.318
48.00
1
0
266
100/200 66.66
33.33 14.318
48.00
1
1
333
100/200 66.66
33.33 14.318
48.00
0
1
REF0
1
56 FS_B
REF1
2
55 VDDA
VDDREF
3
54 GNDA
X1
4
53 GND
X2
5
52 IREF
GND
6
51 FS_A
PCICLK_F0
7
50 CPU_STOP#
PCICLK_F1
849 PCI_STOP#
PCICLK_F2
948 VDDCPU
VDDPCI 10
47 CPUCLKT2
GND 11
46 CPUCLKC2
PCICLK0 12
45 GND
PCICLK1 13
44 CPUCLKT1
PCICLK2 14
43 CPUCLKC1
PCICLK3 15
42 VDDCPU
VDDPCI 16
41 CPUCLKT0
GND 17
40 CPUCLKC0
PCICLK4 18
39 GND
PCICLK5 19
38 SRCCLKT
PCICLK6 20
37 SRCCLKC
PD# 21
36 VDD
3V66_0 22
35 Vtt_PWRGD#
3V66_1 23
34 VDD48
VDD3V66 24
33 GND
GND 25
32 48MHz_DOT
3V66_2 26
31 48MHz_USB
3V66_3 27
30 SDATA
SCLK 28
29 3V66_4/VCH


Similar Part No. - ICS952601YGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS952601 IDT-ICS952601 Datasheet
232Kb / 25P
Programmable Timing Control HubTM for Next Gen P4TM Processor
logo
Renesas Technology Corp
ICS952601 RENESAS-ICS952601 Datasheet
371Kb / 26P
Programmable Timing Control HubTM for Next Gen P4TM Processor
2019
More results

Similar Description - ICS952601YGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952621 ICST-ICS952621 Datasheet
198Kb / 15P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS932S208 ICST-ICS932S208 Datasheet
145Kb / 20P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119 ICST-ICS954119 Datasheet
217Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
revision.
ICS952606 ICST-ICS952606 Datasheet
162Kb / 20P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952623 ICST-ICS952623 Datasheet
321Kb / 27P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
ICS954119DFLFT IDT-ICS954119DFLFT Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
logo
Integrated Circuit Syst...
953002CFLF ICST-953002CFLF Datasheet
285Kb / 35P
Programmable Timing Control Hub for Next Gen P4 processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com