Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM9140 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9140
Description  Precision Micropower Shunt Voltage Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9140 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM9140 Datasheet HTML 3Page - National Semiconductor (TI) LM9140 Datasheet HTML 4Page - National Semiconductor (TI) LM9140 Datasheet HTML 5Page - National Semiconductor (TI) LM9140 Datasheet HTML 6Page - National Semiconductor (TI) LM9140 Datasheet HTML 7Page - National Semiconductor (TI) LM9140 Datasheet HTML 8Page - National Semiconductor (TI) LM9140 Datasheet HTML 9Page - National Semiconductor (TI) LM9140 Datasheet HTML 10Page - National Semiconductor (TI) LM9140 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Functional Block Diagram
Applications Information
The LM9140 is a precision micro-power curvature-corrected
bandgap shunt voltage reference. The LM9140 has been de-
signed for stable operation without the need of an external
capacitor connected between the “+” pin and the “−” pin. If,
however, a bypass capacitor is used, the LM9140 remains
stable. Reducing design effort is the availability of several
fixed reverse breakdown voltages: 2.500V, 4.096V, 5.000V,
and 10.000V. The minimum operating current increases from
60 µA for the LM9140-2.5 to 100 µA for the LM9140-10.0. All
versions have a maximum operating current of 15 mA.
The 4.096V version allows single +5V 12-bit ADCs or DACs
to operate with an LSB equal to 1 mV. For 12-bit ADCs or
DACs that operate on supplies of 10V or greater, the 8.192V
version gives 2 mV per LSB.
In a conventional shunt regulator application (
Figure 1), an
external series resistor (R
S) is connected between the sup-
ply voltage and the LM9140. R
S determines the current that
flows through the load (I
L) and the LM9140 (IQ). Since load
current and supply voltage may vary, R
S should be small
enough to supply at least the minimum acceptable I
Q to the
LM9140 even when the supply voltage is at its minimum and
the load current is at its maximum value. When the supply
voltage is at its maximum and I
L is at its minimum, RS should
be large enough so that the current flowing through the
LM9140 is less than 15 mA.
R
S is determined by the supply voltage, (VS), the load and
operating current, (I
L and IQ), and the LM9140’s reverse
breakdown voltage, V
R.
Typical Applications
DS011393-12
DS011393-20
FIGURE 1. Shunt Regulator
7
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com