Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RO2408NMU Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO2408NMU
Description  Omnidirectional 2.4 GHz Antennas With Up- and Down-Tilt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO2408NMU Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO2408NMU Datasheet HTML 1Page - Pulse A Technitrol Company RO2408NMU Datasheet HTML 2Page - Pulse A Technitrol Company RO2408NMU Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
pulseelectronics.com/products/antennas
Omnidirectional 2.4 GHz Antennas
With Up- and Down-Tilt
Pulse Part Number RO2408NMU and RO2408NMD
L127.A (09/11)
2
pulseelectronics.com/products/antennas
Mechanical Specifications
Radome Material
Pultruded Fiberglass
Color
White
Ingress Protection
IP-67
Weight [oz/g]
6.6 / 187
Wind-loading [Mph]
150
Dimensions [Inches/Meters]
20.6 x 1 /
523 / 25.4
Mounting
Direct
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Storage Temperature [°C]
-40 to +85
Relative Humidity [%]
100
Electrical Specifications
Frequency [MHz]
2400 - 2500
Nominal Impedance [Ω]
50
VSWR
2:1
Gain [dBi]
8
Horizontal Plane
Omni
Vertical Plane
13° ± 2°
Polarization
Vertical
Power Rating [W]
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com