Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4875 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4875
Description  750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4875 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4875 Datasheet HTML 1Page - National Semiconductor (TI) LM4875 Datasheet HTML 2Page - National Semiconductor (TI) LM4875 Datasheet HTML 3Page - National Semiconductor (TI) LM4875 Datasheet HTML 4Page - National Semiconductor (TI) LM4875 Datasheet HTML 5Page - National Semiconductor (TI) LM4875 Datasheet HTML 6Page - National Semiconductor (TI) LM4875 Datasheet HTML 7Page - National Semiconductor (TI) LM4875 Datasheet HTML 8Page - National Semiconductor (TI) LM4875 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM4875
750 mW Audio Power Amplifier with DC Volume Control
and Headphone Switch
General Description
The LM4875 is a mono bridged audio power amplifier with
DC voltage volume control. The LM4875 is capable of deliv-
ering 750mW of continuous average power into an 8
Ω load
with less than 1% THD when powered by a 5V power supply.
Switching between bridged speaker mode and headphone
(single ended) mode is accomplished using the headphone
sense pin. To conserve power in portable applications, the
LM4875’s micropower shutdown mode (I
Q = 0.7µA, typ) is
activated when less than 300mV is applied to the DC Vol/SD
pin.
Boomer audio power amplifiers are designed specifically to
provide high power audio output while maintaining high fidel-
ity. They require few external components and operate on
low supply voltages.
Applications
n
GSM phones and accessories, DECT, office phones
n
Hand held radio
n
Other portable audio devices
Key Specifications
j PO at 1.0% THD+N into 8
Ω
750mW (typ)
j PO at 10% THD+N into 8
Ω
1W (typ)
j Shutdown current
0.7µA(typ)
j Supply voltage range
2.7V to 5.5V
Features
n
Precision DC voltage volume control
n
Headphone amplifier mode
n
“Click and pop” suppression
n
Shutdown control when volume control pin is low
n
Thermal shutdown protection
Typical Application
Connection Diagram
Small Outline Package (SO)
Mini Small Outline Package (MSOP)
10104202
Top View
Order Number LM4875M, LM4875MM
See NS Package Number M08A, MUA08A
BOOMER™ is a trademark of National Semiconductor Corporation.
10104201
FIGURE 1. Typical Audio Amplifier
Application Circuit
January 2002
© 2004 National Semiconductor Corporation
DS101042
www.national.com


Similar Part No. - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4875 NSC-LM4875 Datasheet
1Mb / 37P
Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4875 TI-LM4875 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI2-LM4875 Datasheet
1Mb / 27P
LM4875 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
REVISED MAY 2013
LM4875M/NOPB TI-LM4875M/NOPB Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875M/NOPB TI2-LM4875M/NOPB Datasheet
1Mb / 27P
LM4875 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
REVISED MAY 2013
More results

Similar Description - LM4875

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4865 NSC-LM4865 Datasheet
340Kb / 9P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4682 NSC-LM4682 Datasheet
1Mb / 21P
10 Watt Stereo CLASS D Audio Power Amplifier with Stereo Headphone Amplifier and DC Volume Control
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
logo
Texas Instruments
LM4865MX TI1-LM4865MX Datasheet
1Mb / 25P
LM4865 750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
LM4875 TI-LM4875_15 Datasheet
1Mb / 21P
750 mW Audio Power Amplifier with DC Volume Control and Headphone Switch
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com