Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RO17102NM Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO17102NM
Description  Radome Omni Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO17102NM Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO17102NM Datasheet HTML 1Page - Pulse A Technitrol Company RO17102NM Datasheet HTML 2Page - Pulse A Technitrol Company RO17102NM Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
San Diego, California
Vancouver, Washington
Europe
China
858 674 8100
360 944 7551
49 7032 7806 0
86 512 6807 9998
L183.A (09/15)
2
pulseelectronics.com/products/antennas
Radome Omni Antenna
PIMinator® Low PIM, 1710-2170 MHz
Pulse Part Number RO17102NM
Frequency (MHz)
1710-2170 MHz
Nominal Impedence (
Ω)
50
VSWR
2:1 Max
Peak Gain (dBi)
2
HPBW / Horizontal Plane
Omni
HPBW / Vertical Plane
80 °C
Polarization
Vertical
Power withstanding
50 W
PIM at 2x20 watts
-155 dBc
E.S.D. Protection
DC Grounded
Connector Type & Gender
N Male
(Optional N Female)
Radome Material
Pultruded polyester/fiberglass – UV protected
Color
White
Ingress Protection
IP67
Weight (lbs/grams)
91 g
Wind Loading (MPH)
150 mph
Overall length (inches/cm)
4.53 / 115
Side loading @ 1 ft
30 lbs
Pull off
100 Lbs
Operation Temperature
-40 / 85 °C
Electrical Specifications
Environmental Specifications
Mechanical Specifications
Mounting options available (FB2Bracket and FB3Bracket).



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com