Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RO8605NFC Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # RO8605NFC
Description  RO, 5dBi, 860-930MHz, NF
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

RO8605NFC Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  RO8605NFC Datasheet HTML 1Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 2Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 3Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 4Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 5Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 6Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 7Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 8Page - Pulse A Technitrol Company RO8605NFC Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: RO, 5dBi, 860-930MHz, NF
PART NUMBER: RO8605NFC
Series: Radome Omni
ELECTRICAL SPECIFICATIONS
2
Antenna type
Collinear dipole array
Frequency
860-930 MHz
Nominal Impedance
50
VSWR
2:1
Gain
5 dBi
Efficiency
65 % Min
HPBW H-Plane
360 °
HPBW E-Plane
22 °
Polarization
Vertical
ESD Protection
DC Grounded
Power withstanding
50 W
Connector type
N-Female



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com