Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLPT698/869DMN Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SLPT698/869DMN
Description  ON-VEHICLE LOW PROFILE ANTENNA
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SLPT698/869DMN Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SLPT698/869DMN Datasheet HTML 1Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 2Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 3Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 4Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 5Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 6Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 7Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 8Page - Pulse A Technitrol Company SLPT698/869DMN Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Issue: 1640
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
Description: ON-VEHICLE LOW PROFILE ANTENNA
PART NUMBER: Black: SLPTXXX / White: SLPTXXXW
Series: Shadow
ELECTRICAL SPECIFICATIONS
5
Project
Frequency
VSWR
Peak Gain
Efficiency
SLPT2400NMOHFW
2400-2500MHz
1.5:1
5.06dBi
79%
SLPT2400NMOHF
SLPT4900NMOHFW
4900-6000MHz
2:1
5.09dBi
71%
SLPT4900NMOHF
SLPT245NMOHFW
2400-2500MHz
4900-6000MHz
1.5:1(2.4-2.5GHz)
2:1(4.9-6GHz)
5.06dBi
5.09dBi
79%
71%
SLPT2400/5900NMOHF
SLPT2400DMNW
2400-2500MHz
1.5:1
4.78dBi
75%
SLPT2400DMN
SLPT4900DMNW
4900-6000MHz
2:1
5.14dBi
73%
SLPT4900DMN
SLPT2400/5900DMNW
2400-2500MHz
4900-6000MHz
1.5:1(2.4-2.5GHz)
2:1(4.9-6GHz)
4.78dBi
5.14dBi
79%
73%
SLPT2400/5900DMN
Nominal Impedance
50
Radiation Pattern
omni
Polarization:
Vertical
Power with standing
10W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com