Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QT40.241 Datasheet(PDF) 21 Page - PULS GmbH

Part # QT40.241
Description  THREE PHASE INPUT
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

QT40.241 Datasheet(HTML) 21 Page - PULS GmbH

Back Button QT40.241 Datasheet HTML 17Page - PULS GmbH QT40.241 Datasheet HTML 18Page - PULS GmbH QT40.241 Datasheet HTML 19Page - PULS GmbH QT40.241 Datasheet HTML 20Page - PULS GmbH QT40.241 Datasheet HTML 21Page - PULS GmbH QT40.241 Datasheet HTML 22Page - PULS GmbH QT40.241 Datasheet HTML 23Page - PULS GmbH QT40.241 Datasheet HTML 24Page - PULS GmbH QT40.241 Datasheet HTML 25Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
QT40.241, QT40.242
Q-Series
24V, 40A, THREE PHASE INPUT
23. ACCESSORIES
23.1. ZM2.WALL - WALL MOUNTING BRACKET
This bracket is used to mount specific
DIMENSION units onto a flat surface without
utilizing a DIN-Rail.
23.2. UF20.241 - BUFFER MODULE
This buffer unit is a supplementary device for DC 24V power supplies. It delivers
power to bridge typical mains failures or
extends the hold-up time after turn-off of
the AC power. In times when the power
supply provides sufficient voltages, the
buffer unit stores energy in integrated
electrolytic capacitors. In case of mains
voltage fault, this energy is released again in a regulated process. One buffer
module can deliver 20A. To buffer the full output current of 40A, two buffer
modules are needed in parallel.
DC
Buffer
Unit(s)
Power
Supply
Load
AC
+
-
The buffer unit does not require any control wiring. It can be added in parallel to
the load circuit at any given point. Buffer units can be added in parallel to increase
the output ampacity or the hold-up time.
Dec. 2016 / Rev. 2.4 DS-QT40.241-EN
All parameters are specified at 24V, 40A, 3x400Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
21/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com