Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP25DD Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP25DD
Description  TP25DD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP25DD Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP25DD Datasheet HTML 1Page - Toppower Electronic Technology Limited TP25DD Datasheet HTML 2Page - Toppower Electronic Technology Limited TP25DD Datasheet HTML 3Page - Toppower Electronic Technology Limited TP25DD Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TP25DD 系列
www.gztoppower.com
TEL:020-82019000
Email:sales@gztoppower.com
第 1 页 共 4 页
产品描述:
TP25DD系列电源模块额定输出功率为25W,外形尺寸为 50.8*40.6*11.2,应用于
2:1电压输入范围 9V-18V、18V-36V、36V-72VDC的输入电压环境。输出电压精度可
达±1%,具有输入欠压保护、 输出过流保护、输出短路保护并支持长时间短路保
护等功能。具备最高10000uF以上的 超强带电容能力。广泛应用于通信、铁路、自
动化以及仪器仪表等行业。
25W 1.5KVDC 隔离 宽电压输入 DC/DC 电源模块
没有特殊说明所有规格参数是在25°C 下测的。
产品特性
25W输出功率
2:1 输入电压范围
输入欠压保护
50.8mm*40.6mm*11.2mm标准封装
固定开关频率
符合 RoHS 要求
金属外壳封装
输出过流、短路保护
超强带容性载能力
支持长时间短路保护
工作温度范围–40℃到 85℃
1.5KVDC 隔离
选型指导
产品编码
输入
输出
效率(典型值)
%
电压(VDC)
电压(VDC)
电流(A)
额定值
范围值
TP25DD12S03
12(2:1)
9-18
3.3
5
80
TP25DD12S05
12(2:1)
9-18
5
5
81
TP25DD12S12
12(2:1)
9-18
12
2.1
82
TP25DD12S15
12(2:1)
9-18
15
1.67
84
TP25DD12S24
12(2:1)
9-18
24
1.04
84
TP25DD12D05
12(2:1)
9-18
±5
±2.5
80
TP25DD12D12
12(2:1)
9-18
±12
±1.04
83
TP25DD12D15
12(2:1)
9-18
±15
±0.83
84
TP25DD24S03
24(2:1)
18-36
3.3
5
80
TP25DD24S05
24(2:1)
18-36
5
5
82
TP25DD24S12
24(2:1)
18-36
12
2.1
85
TP25DD24S15
24(2:1)
18-36
15
1.67
85
TP25DD24S24
24(2:1)
18-36
24
1.04
86
TP25DD24D05
24(2:1)
18-36
±5
±2.5
82
TP25DD24D12
24(2:1)
18-36
±12
±1.04
85
TP25DD24D15
24(2:1)
18-36
±15
±0.83
86
TP25DD48S03
48(2:1)
36-72
3.3
5
81
TP25DD48S05
48(2:1)
36-72
5
5
82
TP25DD48S12
48(2:1)
36-72
12
2.1
84
TP25DD48S15
48(2:1)
36-72
15
1.67
84
TP25DD48S24
48(2:1)
36-72
24
1.04
85
TP25DD48D05
48(2:1)
36-72
±5
±2.5
82
TP25DD48D12
48(2:1)
36-72
±12
±1.04
84
TP25DD48D15
48(2:1)
36-72
±15
±0.83
85
TOPPOWER


Similar Part No. - TP25DD

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP25DG TOPPOWER-TP25DG Datasheet
209Kb / 4P
25W Wide Input Voltage DC/DC Converters
TP25DG12D05 TOPPOWER-TP25DG12D05 Datasheet
209Kb / 4P
25W Wide Input Voltage DC/DC Converters
TP25DG12D12 TOPPOWER-TP25DG12D12 Datasheet
209Kb / 4P
25W Wide Input Voltage DC/DC Converters
TP25DG12D15 TOPPOWER-TP25DG12D15 Datasheet
209Kb / 4P
25W Wide Input Voltage DC/DC Converters
TP25DG12S03 TOPPOWER-TP25DG12S03 Datasheet
209Kb / 4P
25W Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com