Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPF0512S Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPF0512S
Description  1W 3KVDC Isolated Regulated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPF0512S Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPF0512S Datasheet HTML 1Page - Toppower Electronic Technology Limited TPF0512S Datasheet HTML 2Page - Toppower Electronic Technology Limited TPF0512S Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPF Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
MECHANICAL DIMENSIONS
PIN CONNECTIONS
14 PIN DIP
Pin
Function
1
-Vin
9
Vout
10
TRIM
11
-Vout
14
+Vin
7 PIN SIP
Pin
Function
1
+Vin
2
-Vin
4
-Vout
5
TRIM
6
+Vout
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
All dimensions in mm ±0.25mm.
Tube length (14 Pin DIP) : 520mm ±2mm.
Tube length (7 Pin SIP) : 520mm ±2mm.
Tube Quantity : 25PCS
* 7.70 for 48V variants
** 7.50 for 48V variants
All dimensions in mm ±0.25mm. All pins on a 2.54mm pitch and within ±.25 mm of true position.
Weight: 2.4g (DIP), 2.1g (SIP) ,TPF24XX and TPF48XX DIP&SIP : 2.9g
DIP Package
SIP Package
7 Pin SIP Package
14 Pin DIP Tube
7 Pin SIP Tube
9.30
5.00
12.00
5.05
0.65
14Pin DIP Package
2.54
1.15
1.00 5 HOLES
0.1
2.54
5 孔
1.00
1.15
5HOLES
12.70
YYWW
TPF0505S
19.50
0.55
0.45
TPF0505D
YYWW
19.50
4.60
3.60
2.54
7.62
2.13
12.70
0.30
0.20
0.55
0.45
1
9
11
14
1 24 5
6
2.00
10
1.09
9.80
6.80
6.00
10.00
0.55
0.45
4.60
3.60
2.54
0.30
0.20
1.25
*
**
bottom view
bottom view
TOPPOWER
TOPPOWER
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com