Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9109 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9109
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9109 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9109 Datasheet HTML 1Page - Motorola, Inc MPC9109 Datasheet HTML 2Page - Motorola, Inc MPC9109 Datasheet HTML 3Page - Motorola, Inc MPC9109 Datasheet HTML 4Page - Motorola, Inc MPC9109 Datasheet HTML 5Page - Motorola, Inc MPC9109 Datasheet HTML 6Page - Motorola, Inc MPC9109 Datasheet HTML 7Page - Motorola, Inc MPC9109 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MPC9109/D
1
REV 1.0
© Motorola, Inc. 1999
3/99
Low Voltage 1:18 Clock
Distribution Chip
The MPC9109 is a 1:18 low voltage clock distribution chip with 2.5V or
3.3V LVCMOS output capabilities. The device features the capability to
select either a differential LVPECL or an LVCMOS compatible input. The
18 outputs are 2.5V or 3.3V LVCMOS compatible and feature the drive
strength to drive 50
Ω series or parallel terminated transmission lines.
With output–to–output skews of 200ps, the MPC9109 is ideal as a clock
distribution chip for the most demanding of synchronous systems. The
2.5V outputs also make the device ideal for supplying clocks for a high
performance Pentium II
™ microprocessor based design. For a higher
performance version of the 9109 refer to the MPC940L data sheet.
LVPECL or LVCMOS Clock Input
2.5V LVCMOS Outputs for Pentium II Microprocessor Support
200ps Maximum Output–to–Output Skew @ 3.3V Output
Maximum Output Frequency of 250MHz @ 3.3V Core
32–Lead QFP Packaging
Dual or Single Supply Device:
• Dual VCC Supply Voltage, 3.3V Core and 2.5V Output
• Single 3.3V VCC Supply Voltage for 3.3V Outputs
• Single 2.5V VCC Supply Voltage for 2.5V I/O
With a low output impedance (
≈20Ω), in both the HIGH and LOW logic
states, the output buffers of the MPC9109 are ideal for driving series
terminated transmission lines. With a 20
Ω output impedance the 9109
has the capability of driving two series terminated lines from each output.
This gives the device an effective fanout of 1:36. If a lower output
impedance is desired please see the MPC942 data sheet. If better
performance is desired please see the MPC940L data sheet.
The differential LVPECL inputs of the MPC9109 allow the device to interface directly with a LVPECL fanout buffer like the
MC100EP111 to build very wide clock fanout trees or to couple to a high frequency clock source. The LVCMOS input provides a
more standard interface for applications requiring only a single clock distribution chip at relatively low frequencies. In addition, the
two clock sources can be used to provide for a test clock interface as well as the primary system clock. A logic HIGH on the
LVCMOS_CLK_Sel pin will select the LVCMOS level clock input. All inputs of the MPC9109 have internal pullup/pulldown
resistor so they can be left open if unused.
The MPC9109 is a single or dual supply device. The device power supply offers a high degree of flexibility. The device can
operate with a 3.3V core and 3.3V output, a 3.3V core and 2.5V outputs as well as a 2.5V core and 2.5V outputs. The 32–lead
QFP package was chosen to optimize performance, board space and cost of the device. The 32–lead TQFP has a 7x7mm body
size with a conservative 0.8mm pin spacing.
Pentium II is a trademark of Intel Corporation.
MPC9109
LOW VOLTAGE
1:18 CLOCK
DISTRIBUTION CHIP
FA SUFFIX
32–LEAD QFP PACKAGE
CASE 873A–02
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC9109

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9109 IDT-MPC9109 Datasheet
392Kb / 9P
Low Voltage 1:18 Clock Distribution Chip
More results

Similar Description - MPC9109

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com