Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSLS05-15B09SS Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # PSLS05-15B09SS
Description  PSLS05 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSLS05-15B09SS Datasheet(HTML) 3 Page - Wall Industries,Inc.

  PSLS05-15B09SS Datasheet HTML 1Page - Wall Industries,Inc. PSLS05-15B09SS Datasheet HTML 2Page - Wall Industries,Inc. PSLS05-15B09SS Datasheet HTML 3Page - Wall Industries,Inc. PSLS05-15B09SS Datasheet HTML 4Page - Wall Industries,Inc. PSLS05-15B09SS Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Rev A
PSLS05 SERIES
Up to 5 Watts
AC/DC Converter
Single Output
8/10/2016
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 5
CHARACTERISTIC CURVES
Temperature Derating Graph
Input Voltage Derating Graph
Note: Input voltage should be derated based on temperature
derating when it is 85~110VAC/240~264VAC
Note: When input DC, VDC=1.414VAC-20
PSLS05-15BXXSS AC Input
Efficiency Vs Input Voltage (Full Load)
PSLS05-15B12SS AC Input
Efficiency Vs Output Load
PSLS05-15BXXSS DC Input
Efficiency Vs Input Voltage (Full Load)
PSLS05-15B12SS DC Input
Efficiency Vs Output Load



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com