Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RAM-MOUNT-09E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-09E
Description  Application Ready Platform (ARP) for In-vehicle Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-09E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  RAM-MOUNT-09E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-09E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/digital-logistics/
Online Download
Application Ready Platform
RAM-MOUNT-01E
TREK-ANT-501-GWH5E
TREK-ANT-201-GWL3E
TREK-ANT-502-GH5E
RAM-MOUNT-09E
RAM-MOUNT-06E
TREK-MNT-301E
RAM-MOUNT-07E
TREK-MNT-302E
Features
ƒ 4.75" VESA base
ƒ 5.625" double socket arm for 1.5" ball base
ƒ 2.5" width square rail clamp base
ƒ Suitable products: TREK-306/753/773,
PWS-770/870 vehicle docking station
Features
ƒ Screw-mount 3-in-1 combo antenna
– GPS
– HSPA/GSM/CDMA/UMTS
– Dual-band Wi-Fi (2.4GHz / 5GHz)
ƒ IP67
ƒ 5-meter cable
ƒ
ƒ
145.6 x 35.1 mm (D x H)
Features
ƒ Flat 2.5" diameter base with AMPS hole pattern
ƒ 5.625" double socket arm for 1.5" ball base
ƒ 2.5" width square rail clamp base
ƒ Suitable products: TREK-303/722/723
Features
ƒ 3.625" VESA base at both sockets
ƒ 5.625" double socket arm for 1.5" ball base
ƒ Suitable products: TREK-306/753/773,
PWS-770/870 vehicle docking station
Features
ƒ Adhesive-mount 3-in-1 combo antenna
– GPS/Glonass
– LTE/HSPA/GSM/CDMA/UMTS
– Dual-band Wi-Fi (2.4GHz / 5GHz)
ƒ IP67
ƒ 3-meter cable
ƒ 200.5 x 66.5 x 9 mm (L x W x H)
Features
ƒ Flat base with AMPS hole pattern
ƒ 140 mm double socket arm for 26 mm ball base
ƒ Cost effective/ rotate 360°
ƒ Suitable products: TREK-303/722/723
Features
ƒ Flat 2.5” diameter base with AMPS hole pattern
ƒ 5.625" double socket arm for 1.5" ball base
ƒ 3.625" VESA base at both sockets
ƒ Suitable products: TREK-306/722/723
Features
ƒ Screw-mount 2-in-1 combo antenna
– GPS/Glonass
– HSPA/GSM/CDMA/UMTS
ƒ IP67
ƒ 5-meter cable
ƒ
55 x 19.6 mm (D x H)
Features
ƒ Flat base with AMPS hole pattern
ƒ 140 mm double socket arm for 26 mm ball base
ƒ 156 mm VESA base
ƒ Cost effective/ rotate 360°
ƒ Suitable products: TREK-303/722/723
All in RP-SMA (M)
All in RP-SMA (M)
All in RP-SMA (M)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com