Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC1366 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # PC1366
Description  LINEAR INTEGRATED CIRCUIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PC1366 Datasheet(HTML) 2 Page - Unisonic Technologies

  PC1366 Datasheet HTML 1Page - Unisonic Technologies PC1366 Datasheet HTML 2Page - Unisonic Technologies PC1366 Datasheet HTML 3Page - Unisonic Technologies PC1366 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCPC1366 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R111-003,A
ABSOLUTE MAXIMUN RATING(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
15
V
Output Current
IP-P
3
VP-P
Power Dissipation
PD
875(Ta=75
°C)With heat sink
W
Operating Temperature
TOPR
-20 ~ +70
°C
Storage Temperature
TSTG
-40 ~ +125
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,VCC=12V,fP=38MHZ,fm=400HZ)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current
ICC
I7+I12,RA=150
Ω
40
50
60
mA
Input Sensitivity
SVI
Modulation=80%,
VO=1.4VP-P
30
35
dB
µ
Max Input Voltage
VI(MAX)
Modulation=80%,-1dB
100
dB
µ
Video Output Voltage
VO
Modulation=80%,VI=3mVrms
1.0
1.4
1.7
VP-P
Video Output DC Voltage
VO(DC)
No signal
3.3
3.8
4.3
V
S/N Ratio
S/N
Modulation=80%-0%,
VI=3mVrms
40
50
dB
RF AGC Voltage(Hi)
V6H
V5=0V
8
9
11
V
RF AGC Voltage(Lo)
V6L
V5=7V
0
0.5
V
Differential Gain
D.G.
Step signal,fM=4.43MHZ
10
%
Differential Phase
D.P.
Step signal,fM=4.43MHZ
10
deg
Video Detector Bandwidth
GV(F)
-3dB point
5.5
MHZ
Input Impedance
RIN
1.5
K
Ω
Input Capacitance
CIN
3.3
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com