Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD55008L Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD55008L
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008L Datasheet(HTML) 5 Page - STMicroelectronics

  PD55008L Datasheet HTML 1Page - STMicroelectronics PD55008L Datasheet HTML 2Page - STMicroelectronics PD55008L Datasheet HTML 3Page - STMicroelectronics PD55008L Datasheet HTML 4Page - STMicroelectronics PD55008L Datasheet HTML 5Page - STMicroelectronics PD55008L Datasheet HTML 6Page - STMicroelectronics PD55008L Datasheet HTML 7Page - STMicroelectronics PD55008L Datasheet HTML 8Page - STMicroelectronics PD55008L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
PD55008L
S-PARAMETER (PD55008L)
(VDS = 12.5V IDS = 0.8A)
FREQ
IS11IIS21IIS12IS12∠Φ
IS22IS22∠Φ
(MHz)
50
0.828
-147
19.60
97
0.023
11
0.691
-154
100
0.822
-162
10.11
84
0.023
-1
0.714
-164
150
0.829
-167
6.61
75
0.022
-7
0.729
-166
200
0.839
-169
4.82
68
0.021
-11
0.749
-167
250
0.852
-170
3.71
62
0.019
-16
0.772
-167
300
0.866
-171
2.97
56
0.017
-17
0.793
-168
350
0.877
-172
2.43
51
0.015
-18
0.815
-168
400
0.887
-173
2.02
46
0.014
-18
0.833
-169
450
0.898
-174
1.71
42
0.012
-16
0.852
-169
500
0.907
-175
1.47
38
0.010
-12
0.871
-170
550
0.916
-175
1.27
34
0.009
-10
0.879
-170
600
0.923
-176
1.10
31
0.008
1
0.887
-172
650
0.929
-177
0.98
27
0.007
12
0.904
-172
700
0.931
-178
0.86
25
0.007
23
0.911
-173
750
0.937
-179
0.77
22
0.008
37
0.916
-173
800
0.942
-179
0.69
20
0.008
44
0.928
-174
850
0.948
-180
0.62
17
0.009
53
0.933
-174
900
0.946
180
0.56
15
0.010
61
0.936
-175
950
0.948
179
0.51
13
0.011
65
0.940
-176
1000
0.950
178
0.47
12
0.012
67
0.943
-176
1050
0.950
178
0.43
10
0.013
71
0.945
-177
1100
0.953
177
0.39
8
0.016
71
0.951
-177
1150
0.953
176
0.36
7
0.016
72
0.951
-178
1200
0.953
176
0.34
5
0.017
75
0.953
-178
1250
0.952
175
0.31
4
0.019
75
0.958
-179
1300
0.952
175
0.29
3
0.021
75
0.958
-179
1350
0.951
174
0.27
1
0.022
75
0.960
-180
1400
0.951
174
0.25
0
0.023
76
0.960
180
1450
0.949
173
0.23
0
0.024
76
0.959
180
1500
0.950
173
0.21
0
0.025
75
0.960
179
S11∠Φ
S21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com