Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WFP650 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFP650
Description  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP650 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP650 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP650 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WFP650
WFP650
WFP650
WFP650
Rev.A Jul.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
28A, 200v, RDS(on)=0.09Ω @VGS=10V
Low gate charge (typical 95 nC)
Low crss (typical 75 pF)
Fast switching
100% avalanche tested
Improved dv/dt capability
General Description
These N-Channel enhancement
mode power field effect
transistors are produced
using
Winsemi’s proprietary ,
planar,DMOS technology.
This
advanced technology has been especially tailored to
minimize on-state resistance ,
provide superior switching
Performance , and
with stand
high energy pulse in
the
avalanche and commutation mode.These devices are well
suited for high efficiency
switching
DC/DC
converters,
Switch mode
power supplies,
DC-AC
converters
for
uninterrupted power supply and motor control.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain-Source Voltage
200
V
ID
Drain Current -Continuous(TC=25℃)
28
A
-Continuous(TC=100℃)
17.7
A
IDM
Drain Current -Pulsed
(Note 1)
112
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulse Avalanche Energy
(Note 2)
600
mJ
IAR
Avalanche Current
(Note 1)
28
A
EAR
Repetitive Avalanche Energy
(Note 1)
15.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation(TC=25℃)
156
W
-Derate above25℃
1.25
W/℃
TJ,TSTG
Operating and Storage Temperature Range
-55~150
TL
Maximum lead temperature for soldering purposes,
1/8"from case for 5 seconds
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance,Junction-to-Case
-
-
0.8
℃/W
RQCS
Thermal Resistance,Case-to-Sink
-
0.5
-
℃/W
RQJA
Thermal Resistance,Junction-Ambient
-
-
62.5
℃/W


Similar Part No. - WFP650

ManufacturerPart #DatasheetDescription
logo
Wisdom technologies Int...
WFP630 WISDOM-WFP630 Datasheet
793Kb / 7P
N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP630 WINSEMI-WFP630 Datasheet
541Kb / 7P
Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFP634 WISDOM-WFP634 Datasheet
802Kb / 7P
N-Channel MOSFET
WFP640 WISDOM-WFP640 Datasheet
857Kb / 7P
N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFP640 WINSEMI-WFP640 Datasheet
534Kb / 7P
Silicon N-Channel MOSFET
More results

Similar Description - WFP650

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com