Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS1961S-F3 Datasheet(PDF) 34 Page - Dallas Semiconductor

Part # DS1961S-F3
Description  1kb Protected EEPROM iButton With SHA-1 Engine
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1961S-F3 Datasheet(HTML) 34 Page - Dallas Semiconductor

Back Button DS1961S-F3 Datasheet HTML 28Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 29Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 30Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 31Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 32Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 33Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 34Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 35Page - Dallas Semiconductor DS1961S-F3 Datasheet HTML 36Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
DS1961S
34 of 36
ABSOLUTE MAXIMUM RATINGS*
I/O Voltage to GND
-0.5V, +6V
I/O Sink Current
20mA
Temperature Range
-40°C to +85°C
Junction Temperature
+150°C
Storage Temperature Range
-55°C to +85°C
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS NOTES
Operating
Temperature
TA
All, except EEPROM
programming
-40
85
°C
1
All
-20
85
1-Wire Pullup
VPUP
Standard speed
2.8
5.25
V
1
Overdrive speed
3.3
5.25
I/O PIN GENERAL DATA
1-Wire Pullup
Resistance
RPUP
2.2
k
W
1, 2
Input Capacitance
CIO
100
800
pF
3, 14
Input Load Current
IL
I/O pin at VPUP
110
µA
4
High-to-Low
Switching Threshold
VTL
1.5
V
5, 6, 7,
14
Input Low Voltage
VIL
0.30
V
1, 5, 8
Low-to-High
Switching Threshold
VTH
1.5
V
5, 6, 9,
14
Output Low Voltage
at 4mA
VOL
0.4
V
5, 10
Recovery Time
tREC
Standard speed,
RPUP = 2.2k
W
5
µs
1, 14
Overdrive speed,
RPUP = 2.2k
W
2
Overdrive speed,
directly prior to reset
pulse; RPUP = 2.2k
W
5
Timeslot Duration
tSLOT
Standard Speed
65
µs
1, 13
Overdrive speed,
VPUP > 4.5V
7
Overdrive speed
9
I/O PIN, 1-WIRE RESET, PRESENCE DETECT CYCLE
Reset Low Time
tRSTL
Standard speed,
VPUP > 4.5V
480
640
µs
1, 13
Standard speed
720
960
Overdrive speed,
VPUP > 4.5V
60
80
Overdrive speed
68
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com