Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS21552LN Datasheet(PDF) 99 Page - Dallas Semiconductor

Part # DS21552LN
Description  3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS21552LN Datasheet(HTML) 99 Page - Dallas Semiconductor

Back Button DS21552LN Datasheet HTML 95Page - Dallas Semiconductor DS21552LN Datasheet HTML 96Page - Dallas Semiconductor DS21552LN Datasheet HTML 97Page - Dallas Semiconductor DS21552LN Datasheet HTML 98Page - Dallas Semiconductor DS21552LN Datasheet HTML 99Page - Dallas Semiconductor DS21552LN Datasheet HTML 100Page - Dallas Semiconductor DS21552LN Datasheet HTML 101Page - Dallas Semiconductor DS21552LN Datasheet HTML 102Page - Dallas Semiconductor DS21552LN Datasheet HTML 103Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 137 page
background image
DS21352/DS21552
99 of 137
19.2 TAP CONTROLLER STATE MACHINE
The TAP controller is a finite state machine that responds to the logic level at JTMS on the rising edge of
JTCLK. See Figure 19-1.
TEST-LOGIC-RESET
Upon power up, the TAP Controller will be in the Test-Logic-Reset state. The Instruction register will
contain the IDCODE instruction. All system logic of the device will operate normally.
RUN-TEST-IDLE
The Run-Test-Idle is used between scan operations or during specific tests. The Instruction register and
test registers will remain idle.
SELECT-DR-SCAN
All test registers retain their previous state. With JTMS LOW, a rising edge of JTCLK moves the
controller into the Capture-DR state and will initiate a scan sequence. JTMS HIGH during a rising edge
on JTCLK moves the controller to the Select-IR-Scan state.
CAPTURE-DR
Data may be parallel-loaded into the test data registers selected by the current instruction. If the
instruction does not call for a parallel load or the selected register does not allow parallel loads, the test
register will remain at its current value. On the rising edge of JTCLK, the controller will go to the Shift-
DR state if JTMS is LOW or it will go to the Exit1-DR state if JTMS is HIGH.
SHIFT-DR
The test data register selected by the current instruction will be connected between JTDI and JTDO and
will shift data one stage towards its serial output on each rising edge of JTCLK. If a test register selected
by the current instruction is not placed in the serial path, it will maintain its previous state.
EXIT1-DR
While in this state, a rising edge on JTCLK will put the controller in the Update-DR state, which
terminates the scanning process, if JTMS is HIGH. A rising edge on JTCLK with JTMS LOW will put
the controller in the Pause-DR state.
PAUSE-DR
Shifting of the test registers is halted while in this state. All test registers selected by the current
instruction will retain their previous state. The controller will remain in this state while JTMS is LOW.
A rising edge on JTCLK with JTMS HIGH will put the controller in the Exit2-DR state.
EXIT2-DR
A rising edge on JTCLK with JTMS HIGH while in this state will put the controller in the Update-DR
state and terminate the scanning process. A rising edge on JTCLK with JTMS LOW will enter the Shift-
DR state.
UPDATE-DR
A falling edge on JTCLK while in the Update-DR state will latch the data from the shift register path of
the test registers into the data output latches. This prevents changes at the parallel output due to changes
in the shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com