Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8652ICSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8652ICSTRT
Description  15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8652ICSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8652ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8652ICSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Revision V1.7/October 2010
©2010 Semtech Corp.
SX8652
www.semtech.com
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
15kV ESD Low Power 4-Wire / 5-Wire Resistive
Touchscreen Controller with SPI Interface
2.4. Electrical Specifications
All values are valid within the recommended operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ
Max
Unit
Current consumption
Mode = MANUAL
Ipwd
Converter stopped, pen
detection off, SPI listening,
OSC stopped
0.4
1
uA
Mode = PENDET
Ipndt
Converter stopped, pen
detection activated, device
generates interrupt upon
detection, SPI listening, OSC
stopped
0.4
1
uA
Mode =PENTRIG
Ipntr
Converter stopped, pen
detection activated, device
starts conversion upon pen
detection. SPI listening, OSC
stopped
0.4
1
uA
Mode=AUTO
Iauto
Converter stopped, pen
detection off, SPI listening,
OSC on, timer on
1.5
uA
Operation @8kSPS, VDD=1.8V
Iopl
23
50
uA
Operation @42kSPS, VDD=3.3V Ioph
105
140
uA
Digital I/O
High-level input voltage
VIH
0.8VDD
VDD+0.2
V
Low-level input voltage
VIL
VSS-0.3
0.2VDD
V
Hysteresis
VHysLow
VDD > 2V
0.05 VDD
V
VHysHigh
VDD < 2V
0.1 VDD
V
Output Logic High
VOH
IOH>-2mA
0.8VDD
Output Logic Low
VOL
IOL<2mA
0
0.4
V
Input leakage current
LI
CMOS input
±1
uA
High ESD Input - Output
capacitance
CX+/BR ,CX-/TL
,CY+/TR , CY-/BL,
CAUX
50
pF
Input - Output capacitance
CNRST , CNIRQ
,CNCS ,CDIN ,
CDOUT, CSCLK
5
pF
Table 5. Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com