Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SX8653EVKA Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8653EVKA
Description  Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8653EVKA Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8653EVKA Datasheet HTML 5Page - Semtech Corporation SX8653EVKA Datasheet HTML 6Page - Semtech Corporation SX8653EVKA Datasheet HTML 7Page - Semtech Corporation SX8653EVKA Datasheet HTML 8Page - Semtech Corporation SX8653EVKA Datasheet HTML 9Page - Semtech Corporation SX8653EVKA Datasheet HTML 10Page - Semtech Corporation SX8653EVKA Datasheet HTML 11Page - Semtech Corporation SX8653EVKA Datasheet HTML 12Page - Semtech Corporation SX8653EVKA Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Revision V1.0/October 2010
©2010 Semtech Corp.
SX8653
www.semtech.com
Page 9
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
Multitouch 15kV ESD protection 4-Wire / 5-Wire
Resistive Touchscreen Controller with SPI Interface
2.5. Host Interface Specifications
(i) All timing specifications refer to voltage levels (50% VDD, VOH, VOL) defined in Table 6 unless otherwise mentioned.
Table 6. Host Interface Specifications
2.6. Host Interface Timing Waveforms
Figure 4. SPI Timing Waveform
Parameter
Symbol
Condition
Min
Typ
Max
Unit
SPI TIMING SPECIFICATIONS
(i)
SCLK
Clock Frequency
Duty Cycle
fSCLK
duty
40
5000
60
kHz
%
NCS edge to first SCLK “↑”
TCSS
50
ns
NCS edge to DOUT Low
TDCD
100
SCLK High Pulse Width
TCKH
80
SCLK Low Pulse Width
TCKL
80
Data Setup Time
TDS
40
Data Valid to SCLK Hold Time
TDH
70
Data Output Delay after SCLK “↓”
TDOD
70
NCS “↑” to SCLK Ignored
TCSI
50
NCS “↑” to DOUT Hi-Z state
TCCZ
90
NCS Hold Time
TCSW
150
tCKH
tDS
tDH
tCSS
tCKL
tDCD
tDOD
tCSW
tCSI
tCCZ
CSN
SCLK
DIN
DOUT
D11
VOL
VOH
50%VDD
50%VDD
50%VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com