Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM5885CS Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5885CS
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5885CS Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5885CS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5885CS Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—13
Audio Data Input
Input data format (DATA)
The input data has a format that varies with device within the series, as shown below.
Input timing
3-wire input (DATA, LRCI, BCKI)
Serial data bits on DATA are read into the SIPO register (serial-to-parallel converter register) on the rising
edge of the bit clock BCKI, and then converted to parallel data.
The arithmetic operation and output timing are independent of the input timing. Accordingly, after a reset, as
long as the clock frequency ratio between LRCI and the system clock CLK is maintained, phase differences
between LRCI, BCKI and the system clock CLK do not affect the functional operation. Also, any jitter present
on the data input clock does not appear as output pulse jitter.
2-wire input (DATA, LRCI)
Serial data bits on DATA are read into the SIPO register (serial-to-parallel converter register) on the rising
edge of an internally generated bit clock, and then converted to parallel data.
Deemphasis Filter (DEEM: 2-wire input)
The 2-wire type with built-in digital deemphasis filter is designed to operate at 44.1 kHz. Deemphasis is ON
when DEEM is HIGH, and OFF when DEEM is LOW.
Table 2. Input format
Device
Input length
Format
SM5882/SM58831
1.
The 2-wire type supports bit clocks of 48fs (384fs) or 64fs (256fs/512fs) only.
16 bits
MSB first, bit serial, rear-packed,
2s complement
SM58852
2.
The 3-wire type supports bit clocks of up to 64fs.
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com