Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC173MS8 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC173MS8
Description  GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC173MS8 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC173MS8 Datasheet HTML 1Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 2Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 3Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 4Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 5Page - Hittite Microwave Corporation HMC173MS8 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2 - 26
12 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Web Site: www.hittite.com
MICROWAVE CORPORATION
FEBRUARY 2001
2
General Description
SINGLE POSITIVE VOLTAGE CONTROL: 0 to +3V
HIGH ATTENUATION RANGE:
>50 dB @ 0.9 GHz
HIGH P1dB COMPRESSION POINT: +16 dBm
ULTRA SMALL PACKAGE: MSOP
The HMC173MS8 is a miniature absorp-
tive voltage variable attenuator in an 8-
lead MSOP package. The device oper-
ates with a positive supply voltage, and a
positive control voltage. Unique features
include a high dynamic attenuation range,
and excellent power handling performance
through all attenuation states.
The
HMC173MS8 is ideal for operation in wire-
less applications between 800 MHz and
1600 MHz. 1.7 to 2.0 GHz operation is
possible, with a reduced maximum attenu-
ation of 30 dB and increased VSWR. The
HMC173MS8 can be used with an exter-
nal driver circuit for improved linearity of
attenuation.
Features
Guaranteed Performance V
dd = +4.0 Vdc, 50 Ohm System, -40 to +85°C
Parameter
Min
Typical
Max
Units
Insertion Loss (Min. Atten.)
(V
CTL =0.0 Vdc)
800-1000 MHz
1000-1600 MHz
1600-2000 MHz
1.8
2.6
3.2
2.3
3.1
3.7
dB
dB
dB
Attenuation Range
(V
CTL =0 to +3 V)
800-1000 MHz
1000-1600 MHz
1600-2000 MHz
45
27
25
52
32
30
dB
dB
dB
Flatness
(Peak to Peak)
800-1000 MHz
1000-1600 MHz
±0.15
±0.25
dB
dB
Return Loss
(V
CTL =0 to +3 V)
800-1000 MHz
1000-1600 MHz
1600-2000 MHz
6
5
5
12
8
7
dB
dB
dB
Input Power for 0.1 dB Compression
(825 MHz)
Min Atten.
Atten.>2.0
19
9
dBm
dBm
Input Power for 1.0 dB Compression
(825 MHz)
Min Atten.
Atten.>2.0
21
10
25
16
dBm
dBm
Input Third Order Intercept
825 MHz, two tones @ +5.0 dBm
Min Atten.
Atten.>2.0
30
15
37
21
dBm
dBm
Switching Characteristics
t
RISE,tFALL (10/90% RF)
t
ON,tOFF (50% CTL to 10/90% RF)
800-2000 MHz
1.0
1.2
µS
µS
GaAs MMIC VOLTAGE VARIABLE ATTENUATOR 800-2000 MHz
HMC173MS8


Similar Part No. - HMC173MS8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8 Datasheet
108Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
More results

Similar Description - HMC173MS8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0017 MACOM-AT10-0017 Datasheet
220Kb / 2P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAVCC0001 MACOM-MAAVCC0001 Datasheet
236Kb / 3P
Voltage Variable Absorptive Attenuator 800 - 1000 MHz
AT10-0017 MACOM-AT10-0017_1 Datasheet
241Kb / 3P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007090-000100 MACOM-MAAV-007090-000100 Datasheet
216Kb / 4P
Voltage Variable Attenuator 1700 - 2000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0017 MA-COM-AT10-0017 Datasheet
79Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAV-007090-000100 MA-COM-MAAV-007090-000100 Datasheet
80Kb / 4P
Voltage Variable Absorptive Attenuator, 1700 - 2000 MHz
MAAA2000G MA-COM-MAAA2000G Datasheet
58Kb / 3P
GaAs MMIC Voltage Variable Absorptive Attenuator
MAAA2000G MA-COM-MAAA2000G_15 Datasheet
483Kb / 4P
GaAs MMIC Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com