Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G690L263T71 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G690L263T71
Description  Microprocessor Reset IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690L263T71 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G690L263T71 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690L263T71 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G690/G691
Global Mixed-mode Technology Inc.
Ordering Information
PART
TEMP. RANGE
OUTPUT TYPE
G690LxxxTxx
-40°C ~ +105°C
Push-Pull Active Low
G690HxxxTxx
-40°C ~ +105°C
Push-Pull Active High
G691LxxxTxx
-40°C ~ +105°C
Open-Drain
Order Number Identification
G69XX XXX TX
X
Pin Option
Package Type
Threshold Voltage Option
Part Number
PART NUMBER
THRESHOLD VOLTAGE OPTION
G690L : Push-Pull Active Low Output
* xxx specifies the threshold voltage.
G690H : Push-Pull Active High Output
e.g. 263 denotes the 2.63V threshold voltage.
G691L : Open-Drain Output
PACKAGE TYPE
PIN OPTION
T2 : SOT 89
1
2
3
T7 : SOT 23
1 : RESET
GND
VCC
T9 : SC 70
2 : RESET
VCC
GND
3 : GND
RESET
VCC
4 : GND
VCC
RESET
5 : VCC
GND
RESET
6 : VCC
RESET
GND
*RESET for G690H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com