Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G690L263T22 Datasheet(PDF) 4 Page - Global Mixed-mode Technology Inc

Part # G690L263T22
Description  Microprocessor Reset IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G690L263T22 Datasheet(HTML) 4 Page - Global Mixed-mode Technology Inc

  G690L263T22 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G690L263T22 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Ver: 1.3
Oct 31, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
4
G690/G691
Global Mixed-mode Technology Inc.
Electrical Characteristics (Continued)
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V
for 463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
Reset Threshold Tempco
40
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH – 100mV)
7
µs
VCC = VTH max,
G69_ _ 463/438/400
280
640
Reset Active Timeout Period
VCC = VTH max,
G69_ _308/293/263
140
550
ms
RESET
Output Current Low (push-pull active low,
and open-drain active-low, G690L and G691L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
mA
VCC = 5V, V RESET = 4.5V,
G690L463/438/400
4.5
VCC = 3.3V, V RESET = 2.8V,
G690L308/293
3
RESET
Output Current High (push-pull active
low, G690L)
IOH
VCC = 3V, V RESET = 2.5V,
G690L263
2
mA
VCC = 5V, VRESET = 0.5V,
G690H463/438/400
16
VCC = 3.3V, VRESET = 0.5V,
G690H308/293
12
RESET Output Current Low (push-pull active
high, G690H)
IOL
VCC = 3V, VRESET = 0.5V,
G690H263
10
mA
RESET Output Current High (push-pull active
high, G690H)
IOH
VCC = 2.5V, VRESET = 2V
2
mA
RESET
Open-Drain Output Leakage Current
(G691L)
VCC > VTH, RESET deasserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: RESET output is for G690L/G691L; While RESET output is for G690H.
Selector Guide
TOP MARK
PART/SUFFIX
RESET THRESHOLD (V)
OUTPUT TYPE
SOT 89
SOT 23
SC70
G691L463Tx1
4.63
Open-Drain
689Fx
689Fx
689Fx
G691L438Tx1
4.38
Open-Drain
689Ex
689Ex
689Ex
G691L400Tx1
4.00
Open-Drain
689Dx
689Dx
689Dx
G691L308Tx1
3.08
Open-Drain
689Cx
689Cx
689Cx
G691L293Tx1
2.93
Open-Drain
689Bx
689Bx
689Bx
G691L263Tx1
2.63
Open-Drain
689Ax
689Ax
689Ax
G690H463Tx1
4.63
Push-Pull RESET
688Lx
688Lx
688Lx
G690H438Tx1
4.38
Push-Pull RESET
688Kx
688Kx
688Kx
G690H400Tx1
4.00
Push-Pull RESET
688Jx
688Jx
688Jx
G690H308Tx1
3.08
Push-Pull RESET
688Ix
688Ix
688Ix
G690H293Tx1
2.93
Push-Pull RESET
688Hx
688Hx
688Hx
G690H263Tx1
2.63
Push-Pull RESET
688Gx
688Gx
688Gx
G690L463Tx1
4.63
Push-Pull
688Fx
688Fx
688Fx
G690L438Tx1
4.38
Push-Pull
688Ex
688Ex
688Ex
G690L400Tx1
4.00
Push-Pull
688Dx
688Dx
688Dx
G690L308Tx1
3.08
Push-Pull
688Cx
688Cx
688Cx
G690L293Tx1
2.93
Push-Pull
688Bx
688Bx
688Bx
G690L263Tx1
2.63
Push-Pull
688Ax
688Ax
688Ax
Note: T2: SOT89; T7: SOT23; T9: SC70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com