Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4271-2G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE4271-2G
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4271-2G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE4271-2G Datasheet HTML 8Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 9Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 10Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 11Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 12Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 13Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 14Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 15Page - Infineon Technologies AG TLE4271-2G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
TLE 4271-2
Data Sheet Rev. 2.4
12
2001-04-04
The reset reaction time
trr is the time it takes the voltage regulator to set the reset out
LOW after the output voltage has dropped below the reset threshold. It is typically 1
µs
for delay capacitor of 47 nF. For other values for
Cd the reaction time can be estimated
using the following equation:
tRR ≈ 20 s/F × Cd
Figure 5
Time Response
AET01985
t D
t RR
RR
t
<
Power
Reset
Shutdown
Thermal
Voltage Drop
at Input
Undervoltage
at Output
Secondary
Spike
Bounce
Load
Shutdown
on
VRO, SAT
LD
V
UD
V
VD, SAT
RT
V
L, INH
V
VU, INH
INH
V
RO
V
VD
Q
V
Ι
V
t
t
t
t
t
=
dt
V
d
D
D
C
Ι



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com