Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6464AMJ-QML Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMC6464AMJ-QML
Description  Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6464AMJ-QML Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMC6464AMJ-QML Datasheet HTML 10Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 11Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 12Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 13Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 14Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 15Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 16Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 17Page - National Semiconductor (TI) LMC6464AMJ-QML Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Typical Single-Supply Applications
TRANSDUCER INTERFACE CIRCUITS
Photocells can be used in portable light measuring instru-
ments. The LMC6462, which can be operated off a battery, is
an excellent choice for this circuit because of its very low in-
put current and offset voltage.
LMC6462 AS A COMPARATOR
Figure 17 shows the application of the LMC6462 as a com-
parator. The hysteresis is determined by the ratio of the two
resistors. The LMC6462 can thus be used as a micropower
comparator, in applications where the quiescent current is an
important parameter.
HALF-WAVE AND FULL-WAVE RECTIFIERS
In
Figure 18 Figure 19,R
I limits current into the amplifier
since excess current can be caused by the input voltage ex-
ceeding the supply voltage.
PRECISION CURRENT SOURCE
The output current I
OUT is given by:
OSCILLATORS
For single supply 5V operation, the output of the circuit will
swing from 0V to 5V. The voltage divider set up R
2,R3 and
R
4 will cause the non-inverting input of the LMC6462 to
move from 1.67V (1⁄3 of 5V) to 3.33V (2⁄3 of 5V). This voltage
behaves as the threshold voltage.
R
1 and C1 determine the time constant of the circuit. The fre-
quency of oscillation, f
OSC is
DS012051-22
FIGURE 16. Photo Detector Circuit
DS012051-23
FIGURE 17. Comparator with Hysteresis
DS012051-24
FIGURE 18. Half-Wave Rectifier with
Input Current Protection (R
I)
DS012051-25
FIGURE 19. Full-Wave Rectifier
with Input Current Protection (R
I)
DS012051-26
FIGURE 20. Precision Current Source
DS012051-27
FIGURE 21. 1 Hz Square-Wave Oscillator
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com