Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB95F352LPFT Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB95F352LPFT
Description  8-bit Microcontrollers MB95350L Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F352LPFT Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB95F352LPFT Datasheet HTML 1Page - fujitsu semiconductor MB95F352LPFT Datasheet HTML 2Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FUJITSU SEMICONDUCTOR
INTRODUCTION SHEET
May, 2010
1/2
Copyright©2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
NP07-12631-1E
8-bit Microcontrollers
MB95350L Series
The MB95350L is a series of general-purpose, single-chip microcontrollers.
In addition to a compact instruction set, the microcontrollers of this series
contain a variety of peripheral resources for example 2 channels I2C.
This can be used for the Security sensors, Toys, Heater detector applications
which need more communication ports application etc.
■ FEATURES
 F2MC-8FX CPU
Instruction set optimized for controllers
 Clock
Maximum clock frequency:16.25MHz
 Timer
8/16-bit composite timer:2 channels
Time-base timer:1 channels
 UART/SIO
1 channel(alternative selection between I2C and UART/SIO)
 I2C
1 channel
[+ 1 channel(alternative selection between I2C and UART/SIO)]
 LIN/UART:1 channel
 External interrupt:6 channels
- Interrupt by edge detection
- Can be used to wake up the device from different
low power consumption (standby) modes
 8/10-bit A/D converter:6 channels
 Low power consumption (standby) modes
Stop mode
Sleep mode
Watch mode
Time-base timer mode
 I/O port
MB95F352E/F353E/F354E:22
MB95F352L/F353L/F354L:21
 On-chip debug
- 1-wire serial control
- Serial writing supported (asynchronous mode)
 Hardware/software watchdog timer
 Low-voltage detection reset circuit
MB95F352E/F353E/F354E
 Clock supervisor counter
 Dual operation Flash memory
 Flash memory security function
Power supply:1.8~3.6V
*The range of the power supply voltage is different
according to the operating frequency and the operating
temperature.
■PACKAGE EXAMPLE OF REFERENCE
■PRODUCT LINEUP
Part number
Parameter
MB95F
352E
MB95F
353E
MB95F
354E
MB95F
282L
MB95F
283L
MB95F
284L
Type
Flash memory product
ROM
(Byte)
8K
12K
20K
8K
12K
20K
RAM
(Byte)
240
496
240
496
Low-voltage
detection
reset
Yes
No
■ORDERING INFORMATION
Product name
Package
Remarks
MB95F352EPF
MB95F352LPF
MB95F353EPF
MB95F353LPF
MB95F354EPF
MB95F354LPF
Plastic・SOP,24-pins
(LCC-24P-M34)
7.50mm×15.34mm,1.27mm pitch
-
MB95F352EPFT
MB95F352LPFT
MB95F353EPFT
MB95F353LPFT
MB95F354EPFT
MB95F354LPFT
Plastic・TSSOP,24-pins
(FPT-24P-M10)
4.40mm×7.80mm,0.65mm pitch
-
MB95F352EWQN
MB95F352LWQN
MB95F353EWQN
MB95F353LWQN
MB95F354EWQN
MB95F354LWQN
Plastic・QFN,32-pins
(LCC-32P-M19)
5.00mm□,0.50mm pitch
-
Plastic ・ TSSOP, 24-pins
(FPT-24P-M10)


Similar Part No. - MB95F352LPFT

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB95F352E FUJITSU-MB95F352E Datasheet
116Kb / 2P
8-bit Microcontrollers MB95350L Series
MB95F352EPF-G-SNE2 FUJITSU-MB95F352EPF-G-SNE2 Datasheet
116Kb / 2P
8-bit Microcontrollers MB95350L Series
More results

Similar Description - MB95F352LPFT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
8-Bit Microcontrollers
logo
NXP Semiconductors
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
8-bit microcontrollers
1997 Dec 15
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
8-bit Microcontrollers
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
8-bit Microcontrollers
logo
fujitsu semiconductor
MB95F352EPF-G-SNE2 FUJITSU-MB95F352EPF-G-SNE2 Datasheet
116Kb / 2P
8-bit Microcontrollers MB95350L Series
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
8-bit Microcontrollers
REV 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com