Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WTS701EF/T Datasheet(PDF) 49 Page - Winbond

Part # WTS701EF/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EF/T Datasheet(HTML) 49 Page - Winbond

Back Button WTS701EF/T Datasheet HTML 45Page - Winbond WTS701EF/T Datasheet HTML 46Page - Winbond WTS701EF/T Datasheet HTML 47Page - Winbond WTS701EF/T Datasheet HTML 48Page - Winbond WTS701EF/T Datasheet HTML 49Page - Winbond WTS701EF/T Datasheet HTML 50Page - Winbond WTS701EF/T Datasheet HTML 51Page - Winbond WTS701EF/T Datasheet HTML 52Page - Winbond WTS701EF/T Datasheet HTML 53Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 49 -
Revision 3.09
7.6 CODEC INTERFACE
The WTS701 processor supports analog and digital telephony in various configurations. The WTS701
can be used in digital environments, along with a DSP that controls a CODEC. Therefore, the
WTS701 is configured to operate in slave mode, where the control signals are provided by an external
source, which is usually the DSP. It supports a variety of single channel CODECs, examples of which
are listed in Table 12.
The CODEC interface is designed to send data in short frame format as well as long frame format.
The channel width is 13 or 16 bits linear, the precision of the output is 10 bits. The operation mode of
the CODEC is configured by the COD configuration register and SCOD command. See subsection
7.4.3 for details.
•
The CODEC can be configured to transmit data in the unsigned or 2’s Complement mode
(see Table 13 for details).
•
The CODEC responds to both the Long and Short sync format (see Figure 16 and Figure 17).
•
The CODEC can be configured to tristate the VDX line after 13 or 16 bits.
Table 12. Supported CODEC Examples.
Manufacturer
CODEC
Device Name
Characteristics
Operating
Voltage
Conversion
Type
Data Format
OKI
ML7041
Single codec
3 V
14-bit linear
2s Complement
OKI
MSM7716
Single codec
3 V
14-bit linear
2s Complement
OKI
MSM7732-011
Single codec
3 V
14-bit linear
2s Complement
Motorola
MC145483
Single codec
3 V
13-bit linear
2’s Complement
Lucent
T8538B
Quad codec
3.3 V
16-bit linear
2’s Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com