Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AVT50B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # AVT50B
Description  High temperature vitreous coating
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AVT50B Datasheet(HTML) 2 Page - Vishay Siliconix

  AVT50B Datasheet HTML 1Page - Vishay Siliconix AVT50B Datasheet HTML 2Page - Vishay Siliconix AVT50B Datasheet HTML 3Page - Vishay Siliconix AVT50B Datasheet HTML 4Page - Vishay Siliconix AVT50B Datasheet HTML 5Page - Vishay Siliconix AVT50B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AVT
www.vishay.com
Vishay Huntington
Revision: 03-Jun-16
2
Document Number: 31841
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: AVT02506E25R00JE (visit www.vishay.net SAP parts manual for all options)
GLOBAL MODEL
(6 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
(see Standard
Electrical
Specifications
Global Model
column for
options)
05
06
14
15
20
FC = ferrule
cap
E = lead
(Pb)-free
R = decimal
K = thousand
1R500 = 1.5
1K500 = 1.5 k
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free
cell and bulk pack
(dash number)
from 1 to 99 as
applicable
91 = 100 style
horizontal
high bracket
92 = 200 style
push-in bracket
93 = 300 style
thru-bolt bracket
NI = non-inductive
NP = non-inductive +
92 style push-in
bracket
NH = non-inductive +
91 style horizontal
bracket
NV = non-inductive +
style vertical bracket
Historical Part Number example: AVT-25-25-5 %
AVT-25
25
5 %
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
V
T
02
50
6
E2
5
R
0
0
A
J
E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com