Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA17810T/FP Datasheet(PDF) 9 Page - Rohm

Part # BA17810T/FP
Description  Standard 78 series, 3-pin regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17810T/FP Datasheet(HTML) 9 Page - Rohm

Back Button BA17810T/FP Datasheet HTML 3Page - Rohm BA17810T/FP Datasheet HTML 4Page - Rohm BA17810T/FP Datasheet HTML 5Page - Rohm BA17810T/FP Datasheet HTML 6Page - Rohm BA17810T/FP Datasheet HTML 7Page - Rohm BA17810T/FP Datasheet HTML 8Page - Rohm BA17810T/FP Datasheet HTML 9Page - Rohm BA17810T/FP Datasheet HTML 10Page - Rohm BA17810T/FP Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BA178!!T / FP series
Regulator ICs
"
"
"
"
Measurement circuits
0.1
µF
IO
VIN
V
OUTPUT
INPUT
COMMON
Fig. 1
Measurement circuit for output voltage,
input stability,load regulation,
temperature coefficient of output voltage
0.1
µF
0.33
µF
100
µF
VIN
IO
eOUT
eIN
10
Ω5W
eIN=1Vrms
f=120Hz
Ripple rejection ratio R.R. = 20 log
eIN
eOUT
V
~
OUTPUT
INPUT
COMMON
V
~
Fig. 2
Measurement circuit for ripple rejection rario
()
OUTPUT
INPUT
COMMON
0.1
0.33
µF
IO
VIN
Noise
meter
BPF
10Hz
∼
100kHz
10
µF
+
µF
Fig. 3
Measurement circuit for output noise voltage
V
OUTPUT
INPUT
COMMON
0.1
µF
0.33
µF
IO
IA
VIN
V
∆V=
100mA
Fig. 4
Measurement circuit for Minimum
I / O voltage differential
IO
OUTPUT
INPUT
COMMON
0.1
0.33
VIN
A
µF
µF
Fig. 5
Measurement circuit for bias
current and bias current change
A
OUTPUT
INPUT
COMMON
0.1
0.33
IO
VIN
µF
µF
Fig. 6 Measurement circuit for
Fig. 1 output short-circuit current
"
"
"
"
Electrical characteristic curves
OUTPUT CURRENT : IOUT (A)
VIN=10V
BA17805T
10
8
6
4
2
0
1.0
1.2
1.4
1.6
1.8
2.0
Fig. 7 Current limit characteristics
JUNCTION TEMPERATURE : Tj (˚C)
6
5
4
3
2
1
0
25
50
75
100
125
150
175
200
VIN=10V, IOUT=0
BA17805T
Fig. 8 Thermal cutoff circuit
Fig. 2 characteristics
25
20
15
10
5
0
25
50
75
100
125
150
(1) Infinite heat sink,
θj-c = 5.7 (˚C/W)
(2) 100
×100×2 (mm3), with Al heat sink
(3) 50
×50×2 (mm3), with Al heat sink
(4) No heat sink
θj-a = 62.5 (˚C/W)
(3) 6.5
(4) 2.0
AMBIENT TEMPERATURE : Ta (˚C)
(1) 22.0
(2) 11.0
Fig.9 Ta - power dissipation
characteristics (TO220)
Note: With Al heat sink, tightening
torque = 6 kg/cm and silicon
grease as lubricant



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com