Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CZB06S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CZB06S
Description  Thick Film Chip Attenuator, Surface Mount, Balanced Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CZB06S Datasheet(HTML) 2 Page - Vishay Siliconix

  CZB06S Datasheet HTML 1Page - Vishay Siliconix CZB06S Datasheet HTML 2Page - Vishay Siliconix CZB06S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CZB
www.vishay.com
Vishay Dale
Revision: 14-May-14
2
Document Number: 31101
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
GLOBAL
MODEL
DIMENSIONS in inches (millimeters)
L
W
T
A
P
B
B*
CZB06S
0.063 ± 0.006
(1.60 ± 0.15)
0.059 ± 0.006
(1.50 ± 0.15)
0.020 ± 0.004
(0.51 ± 0.10)
0.024 ± 0.006
(0.61 ± 0.15)
0.031
(0.80)
0.012 ± 0.006
(0.30 ± 0.15)
0.012 ± 0.006
(0.30 ± 0.15)
GLOBAL
MODEL
SOLDER PAD DIMENSIONS in inches (millimeters)
c
w
d
a
b
CZB06S
0.031 (0.80)
0.122 (3.10)
0.014 (0.36)
0.025 (0.63)
0.045 (1.15)
P
4-Terminal device
S - Version
CZB06S
Pin 1
CZB06S
Pin 1
120
100
80
60
40
20
0
- 55
- 25
0
25
50
75
100
125
150 175
Ambient Temperature °C
70
Derating CZB06S
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS (TYPICAL TEST LOTS)
0.5 dB to 5 dB
6 dB to 10 dB
Endurance test at 70 °C
per EIA 575-3.14
1000 h at 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± 0.2 dB
± 0.3 dB
Overload
per EIA 575-3.6
Short time overload
± 0.2 dB
± 0.3 dB
Thermal shock
Per EIA 575-3.5
± 0.2 dB
± 0.3 dB
Moisture resistance
Per EIA 575-3.10
± 0.2 dB
± 0.3 dB
Resistance to soldering heat
10 s at 260 °C solder bath temperature
EIA 575 3.8
± 0.2 dB
± 0.3 dB
High temperature exposure
Per EIA 575-3.7
± 0.2 dB
± 0.3 dB
Low temperature operations
Per EIA-575-3.6
± 0.2 dB
± 0.3 dB
Solderability and leaching
EIA 575-3.12
95 % coverage



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com