| Electronic Components Datasheet Search |
|
MLV-005D Datasheet(PDF) 3 Page - All Sensors Corporation |
|
|
|||||||||||||||||||||||||||||
MLV-005D Datasheet(HTML) 3 Page - All Sensors Corporation |
|
3 / 16 page ![]() All Sensors DS-0274 Rev C Parameter Min Typ Max Units Notes Output Span 005D @ 5 PSI 24.75 25.0 25.25 mV 4 015D @ 15 PSI 37.13 37.50 37.88 mV 4 015A @ 15 PSIA 37.13 37.50 37.88 mV 4 030D @ 30 PSI 37.13 37.50 37.88 mV 4 100D @ 100 PSI 41.25 41.67 42.08 mV 4 150D @ 150 PSI 37.08 37.50 37.92 mV 4 Span Temperature Shift (0°C to 50°C) - - ±1.0 %FSS 1 Offset Voltage @ Zero Diff. Pressure 005D @ 5 PSI - - 125 uV - 015D @ 15 PSI - - 125 uV - 015A @ 15 PSIA - - 208 uV - 030D @ 30 PSI - - 125 uV - 100D @ 100 PSI - - 125 uV - 150D @ 150 PSI - - 125 uV - Offset Warm-Up Shift - ±20 uV 2 Offset Long Term Drift (one year) - ±100 - uV - Linearity, Hysteresis Error - 0.20 0.50 %FSS 3 Response Time (10% to 90% Pressure Response) - 500 - us - Front to Back Linearity - 2.5 - %FSS 5 Input Resistance - 12.0 - k ohm - Output Resistance - 3.0 - k ohm - Performance Characteristics for MLV Series (PSI) All pArAmeters Are meAsured At 5.0 volt excitAtion And room temperAture unless otherwise specified. pressure meAsurements Are with positive pressure Applied to port B (the only port for the single port configurAtion pAckAges). pressure is Applied to port A for ABsolute devices in A-pAckAge. Specification Notes note 1: shift is relAtive to 25°c. note 2: shift is within the first hour of excitAtion Applied to the device. note 3: meAsured At one-hAlf full scAle rAted pressure using Best strAight line curve fit. note 4: the spAn is the AlgeBrAic difference Between full scAle output voltAge And the offset voltAge. note 5: front-BAck linerity computed As: Lin FB SpanFront SpanBack 1 − 100 ⋅ % note 6: pArAmeter is chArActerized And not 100% tested. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |