Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6911CMS-2 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6911CMS-2
Description  Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6911CMS-2 Datasheet(HTML) 4 Page - Linear Technology

  LTC6911CMS-2 Datasheet HTML 1Page - Linear Technology LTC6911CMS-2 Datasheet HTML 2Page - Linear Technology LTC6911CMS-2 Datasheet HTML 3Page - Linear Technology LTC6911CMS-2 Datasheet HTML 4Page - Linear Technology LTC6911CMS-2 Datasheet HTML 5Page - Linear Technology LTC6911CMS-2 Datasheet HTML 6Page - Linear Technology LTC6911CMS-2 Datasheet HTML 7Page - Linear Technology LTC6911CMS-2 Datasheet HTML 8Page - Linear Technology LTC6911CMS-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC6911-1/LTC6911-2
4
sn691112 691112fs
The q denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1 (Digital Inputs 001), RL = 10k
to midsupply point, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC6911-1 Only
Voltage Gain (Note 6)
VS = 2.7V, Gain = 1, RL = 10k
q
–0.07
0
0.07
–0.08
0
0.07
dB
VS = 2.7V, Gain = 1, RL = 500Ω
q
–0.11 –0.02 0.07
–0.13 –0.02 0.07
dB
VS = 2.7V, Gain = 2, RL = 10k
q
5.94 6.01
6.08
5.93
6.01
6.08
dB
VS = 2.7V, Gain = 5, RL = 10k
q
13.85 13.95 14.05
13.8 13.95 14.05
dB
VS = 2.7V, Gain = 10, RL = 10k
q
19.7 19.93 20.1
19.65 19.93 20.1
dB
VS = 2.7V, Gain = 10, RL = 500Ω
q
19.6 19.85 20.1
19.45 19.85 20.1
dB
VS = 2.7V, Gain = 20, RL = 10k
q
25.75 25.94 26.1
25.65 25.94 26.1
dB
VS = 2.7V, Gain = 50, RL = 10k
q
33.5 33.8
34.1
33.4
33.8
34.1
dB
VS = 2.7V, Gain = 100, RL = 10k
q
39.0 39.6
40.1
38.8
39.6
40.1
dB
VS = 2.7V, Gain = 100, RL = 500Ω
q
37.4 38.9
40.1
36.5
38.9
40.1
dB
VS = 5V, Gain = 1, RL = 10k
q
–0.08 0.01
0.08
–0.09 0.01
0.08
dB
VS = 5V, Gain = 1, RL = 500Ω
q
–0.11 –0.01 0.07
–0.13 –0.01 0.07
dB
VS = 5V, Gain = 2, RL = 10k
q
5.95 6.02
6.09
5.94
6.02
6.09
dB
VS = 5V, Gain = 5, RL = 10k
q
13.8 13.96 14.1
13.78 13.96 14.1
dB
VS = 5V, Gain = 10, RL = 10k
q
19.8 19.94 20.1
19.75 19.94 20.1
dB
VS = 5V, Gain = 10, RL = 500Ω
q
19.6 19.87 20.1
19.45 19.87 20.1
dB
VS = 5V, Gain = 20, RL = 10k
q
25.8 25.94 26.1
25.75 25.94 26.1
dB
VS = 5V, Gain = 50, RL = 10k
q
33.5 33.84 34.1
33.4 33.84 34.1
dB
VS = 5V, Gain = 100, RL = 10k
q
39.3 39.7
40.1
39.1
39.7
40.1
dB
VS = 5V, Gain = 100, RL = 500Ω
q
38.0 39.2
40.1
37.0
39.2
40.1
dB
VS = ±5V, Gain = 1, RL = 10k
q
–0.06 0.01
0.08
–0.07 0.01
0.08
dB
VS = ±5V, Gain = 1, RL = 500Ω
q
–0.10 0.00
0.08
–0.11 0.00
0.08
dB
VS = ±5V, Gain = 2, RL = 10k
q
5.95 6.02
6.09
5.94
6.02
6.09
dB
VS = ±5V, Gain = 5, RL = 10k
q
13.8 13.96 14.1
13.79 13.96 14.1
dB
VS = ±5V, Gain = 10, RL = 10k
q
19.8 19.94 20.1
19.75 19.94 20.1
dB
VS = ±5V, Gain = 10, RL = 500Ω
q
19.7 19.91 20.1
19.60 19.91 20.1
dB
VS = ±5V, Gain = 20, RL = 10k
q
25.8 25.95 26.1
25.75 25.95 26.1
dB
VS = ±5V, Gain = 50, RL = 10k
q
33.7 33.87 34.1
33.60 33.87 34.1
dB
VS = ±5V, Gain = 100, RL = 10k
q
39.4 39.8
40.2
39.25 39.8
40.2
dB
VS = ±5V, Gain = 100, RL = 500Ω
q
38.8 39.5
40.1
38.00 39.5
40.1
dB
Channel-to-Channel Voltage
VS = 2.7V, Gain = 1, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
Gain Match
VS = 2.7V, Gain = 1, RL = 500Ω
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = 2.7V, Gain = 2, RL = 10k
q
–0.1 0.02
0.1
–0.1
0.02
0.1
dB
VS = 2.7V, Gain = 5, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 2.7V, Gain = 10, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 2.7V, Gain = 10, RL = 500Ω
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 2.7V, Gain = 20, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 2.7V, Gain = 50, RL = 10k
q
–0.15 0.02
0.15
–0.15 0.02
0.15
dB
VS = 2.7V, Gain = 100, RL = 10k
q
–0.20 0.02
0.20
–0.20 0.02
0.20
dB
VS = 2.7V, Gain = 100, RL = 500Ω
q
–1.00 0.02
1.00
–1.50 0.02
1.50
dB
C/I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com