Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S42WD42SS Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # S42WD42SS
Description  Dual Voltage Supervisory Circuit With Watchdog Timer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S42WD42SS Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button S42WD42SS Datasheet HTML 8Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 9Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 10Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 11Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 12Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 13Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 14Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 15Page - Summit Microelectronics, Inc. S42WD42SS Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
S4242/S42WD42/S4261/S42WD61
15
2025 6.0 4/17/00
ORDERING INFORMATION
P = PDIP
S = SOIC
Package
S42 xxx
P
A
Base Part Number
Suffix
42 = 4k Bits
61 = 16k Bits
WD42 = 4k, Watchdog timer
WD61 = 16k, Watchdog timer
VTRIP
A = 4.5V
B = 4.75V
2.7 = 2.7V
Blank = 4.5V
Prefix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com