Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPM-7833 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7833
Description  Dynamic bias control for low midpower Idd
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7833 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7833 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7833 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Maximum Ratings[1]
Parameter
Min.
Max.
Vdd Supply Voltage
6.0 V
Power Dissipation [2]
2.5 W
Bias Current
1.5 A
Control Voltage (Vcntl)
3.0 V
Amplifier Input RF Power
10 dBm
Junction Temperature
+150°C
Storage Temperature (case temperature)
-40°C
+100°C
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Tcase = 25°C
Thermal Resistance[2]
θjc = 22.3°C/W
Recommended operating range of
Vdd = 3.2 to 4.2 V, Ta = -30 to +85°C
Vdd2
(Pin 10)
Gnd
RFout
Gnd
Gnd
1.1 mm
4.0 mm (sq)
Vdd1 (Pin 1)
RFin
Gnd
Vcntl
Vbias
Gnd
Agilent
ACPM-7833
YYWWDD
XXXX
0.400±0.076
0.850±0.076
0.850±0.076
0.850±0.076
0.850±0.076
2.000±0.076
3.80±0.076
4.000±0.076
3.400±0.076
2.000±0.076
4.000±0.076
1.100±0.076
Note:
YYWWDD: year – work week – day
XXXX: lot code
All units are in mm
Top View
Side View
Bottom View
Package Marking and Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com