Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMMC-6408 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6408
Description  Integrated RF power detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6408 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6408 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6408 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Symbols
Parameters
Units
Minimum
Maximum
Notes
Vd-Vg
Drain to Gate Voltage
V
8
Vd
Positive Supply Voltage
V
5.5
Vg
Gate Supply Voltage
V
-2.5
0.5
Id
Drain Current
mA
TBD
2
PD
Power Dissipation
W
3.5
2 and 3
Pin
CW Input Power
dBm
20
2
Tch
Operating Channel Temp
°C
+150
4
Tstg
Storage Case Temp.
°C
-65 to +155
Tmax
Maximum Assembly Temp (30 sec max)
°C
+320
Notes:
1. Operation in excess of any one of these conditions may result in permanent damage to this device. Functional operation at or near these
limitations will significantly reduce the lifetime of the device.
2. Dissipated power PD is in any combination of DC voltage, Drain Current, input power and power delivered to the load.
3. When operated at maximum PD with a base plate temperature of 85
°C, the median time to failure (MTTF) is significantly reduced.
4. These ratings apply to each individual FET. The operating channel temperature will directly affect the device MTTF. For maximum life, it is
recommended that junction temperatures (Tj) be maintained at the lowest possible levels. See MTTF vs. Tchannel Temperature Table.
DC Specifications/ Physical Properties
Symbol
Parameters and Test Conditions
Units
Value
Idq
Drain Supply Current
(Vdd=5 V, Vg set for Id Typical)
mA
650
Vg
Gate Supply Operating Voltage
(Id(Q) = 650 (mA))
V
-1.1
Rθjc
Thermal Resistance[6]
(Channel-to-Base Plate)
°C/W
22
Tch
Channel Temperature
°C
150.6
Notes:
6. Channel-to-backside Thermal Resistance (θch-b) = 10°C/W at Tchannel (Tc) = 107°C as measured using infrared microscopy. Thermal Resistance
at backside temperature (Tb) = 25°C calculated from measured data.
Thermal Properties
Parameter
Test Conditions
Value
Maximum Power Dissipation
Tbaseplate = 85°C
PD = 3.5W
Tchannel = 150°C
Thermal Resistance (
qjc)
Vd = 5V
Id = 650mA
PD = 3.25W
Tbaseplate = 75°C
qjc = 22°C/W
Tchannel = 146°C
Thermal Resistance (
qjc)
Under RF Drive
Vd = 5V
Id = 810mA
Pout = 29dBm
Pd = 3.3W
Tbaseplate = 85°C
qjc = 22°C/W
Tchannel = 147°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com