Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPHS24832 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # SPHS24832
Description  Portable Radio Antennas
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPHS24832 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  SPHS24832 Datasheet HTML 1Page - Pulse A Technitrol Company SPHS24832 Datasheet HTML 2Page - Pulse A Technitrol Company SPHS24832 Datasheet HTML 3Page - Pulse A Technitrol Company SPHS24832 Datasheet HTML 4Page - Pulse A Technitrol Company SPHS24832 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1 800 ANTENNA (268-3662)
9
note: antennas are not to scale
Portable radio antennas
M7.0X1.0
Male stud type connector
unskirted (MD type)
Popular Brands supported
G.E., Ericsson
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPEN14832
806 - 866
Whip - 1/2
λ End Fed
7”
SPWH14832
782 - 882
Whip - Standard - 1/4
λ
3”
SPHS14832
800 - 865
Helical - Short - 1/4
λ
2.75 ”
SPEN14918
890 - 960
Half
λ End Fed
6”
SPHL14FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
7”
M7 X 1.00 MetrIc cOnnectOr (MD tyPe)
cODe 14
SPOTS!
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPDA17832
824 - 894
Center Fed Dipole
8”
SPDA17850/1900
824 -894 / 1850 - 1990
Center Fed Dipole
7.5”
SPDA17918
890 - 960
Center Fed Dipole
8”
SPDA171800
1710 - 1850
Center Fed Dipole
6.5”
SPDA171900
1850 - 1990
Center Fed Dipole
6.5”
SPDA172400
2400 - 2500
Center Fed Dipole
6”
SPDA17RP2400
2400 - 2500
Center Fed Dipole
6”
SPDA17RP918
890 - 960
Center Fed Dipole
8”
SPHL17FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH17FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
tnc cOnnectOr - stAnDArD (tn tyPe)
cODe 17
tnc
TNC Male coaxial connnector
unskirted (TN type)
Popular Brands supported
Icom, Standard
Bnc
BNC Male coaxial connector
unskirted
Popular Brands supported
G.E., Kenwood, Motorola,
Maxon, Johnson
Bnc-s
BNC Male coaxial connector
fully skirted (BNX type)
Popular Brands supported
Ericsson
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPHS15450
432 - 468
Helical - Short - 1/4
λ
3”
SPHL15FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH15FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
Bnc cOnnectOr (Bn tyPe)
cODe 15
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPHL16FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH16FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
Bnc cOnnectOr cOvereD tyPe (BnX tyPe)
cODe 16



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com