Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK5000TD Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5000TD
Description  DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5000TD Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5000TD Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5000TD Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5000TD Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5000TD Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5000TD Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PART
NUMBER
POSITIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
NEGATIVE OUTPUT REGULATORS:
Output Voltage Tolerance
Dropout Voltage
Load Regulation
Line Regulation
Quiescent Current
Short Circuit Current
Ripple Rejection
Thermal Resistance
2
Max.
1.0
2.0
1.5
1
2
0.5
.75
15
-
-
2.7
1.0
2.0
1.2
1
2
.5
.75
10
-
-
2.2
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK 5000-5009
MSK 5000B-5009B
±30V
Internally Limited
±3A
+175°C
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
Input Voltage (WRT VOUT)
Power Dissipation
Output Current
Junction Temperature
±VIN
PD
IOUT
TJ
Outputs are decoupled to ground using 10µF minimum
low ESR capacitors unless otherwise specified.
This parameter is guaranteed by design but need not be tested.
Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
TA=TC=+25°C
Subgroup 2
TA=TC=+125°C
Subgroup 3
TA=TC=-55°C
Min.
-
-
-
-
-
-
-
-
3.0
60
-
-
-
-
-
-
-
-
-
3.0
60
-
Group A
Subgroup
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
1
2,3
1
1
2,3
1
2,3
1,2,3
-
-
-
Min.
-
-
-
-
-
-
-
-
3.2
60
-
-
-
-
-
-
-
-
-
3.3
60
-
Typ.
0.1
0.1
1.3
0.2
0.3
0.1
0.2
10
4
75
2.5
0.1
0.1
0.8
0.2
0.3
.1
.2
4.5
3.6
75
2.0
Typ.
0.1
-
1.3
0.2
-
0.1
-
10
4
75
2.5
0.1
-
0.8
0.2
-
.1
-
4.5
3.6
75
2.0
Max.
2.0
-
1.6
2
-
0.6
-
15
-
-
2.7
2.0
-
1.3
2
-
.6
-
10
-
-
2.2
Parameter
ELECTRICAL SPECIFICATIONS
Test Conditions
Units
MSK 5000 SERIES
MSK 5000(B) SERIES
3
2
2
2
2
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
100mA≤IOUT≤3A
VIN=VOUT+3V
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE
IOUT=0A; VIN=VOUT+3V
0A≤IOUT≤3A; ∆VOUT=50mV
VIN=VOUT+3V
100mA≤IOUT≤3A
IOUT=0A
(VOUT+3V)≤VIN≤(VOUT+15V)
VIN=VOUT+3V; IOUT=0A
VIN=VOUT+5V
IOUT=3A; COUT=25µF; f=120Hz
JUNCTION TO CASE
%
%
V
%
%
%
%
mA
A
dB
°C/W
%
%
V
%
%
%
%
mA
A
dB
°C/W
+3.3V
+5.0V
+5.0V
+12.0V
+12.0V
+15.0V
+15.0V
+5.0V
+5.0V
+10.0V
MSK5000(B)
MSK5001(B)
MSK5002(B)
MSK5003(B)
MSK5004(B)
MSK5005(B)
MSK5006(B)
MSK5007(B)
MSK5008(B)
MSK5009(B)
-5.2V
-5.0V
-5.2V
-5.0V
-12.0V
-15.0V
-5.0V
-12.0V
-15.0V
-10.0V
8
OUTPUT VOLTAGES
POSITIVE NEGATIVE
7
2
2
Rev. E 7/00
Please consult the factory if alternate output voltages are required.
Input voltage (VIN= VOUT + a specified voltage) is implied to be more negative than VOUT.
1
2
3
4
5
6
7
8
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com