Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RBS2MM40C Datasheet(PDF) 2 Page - Rohm

Part # RBS2MM40C
Description  Schottky Barrier Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RBS2MM40C Datasheet(HTML) 2 Page - Rohm

  RBS2MM40C Datasheet HTML 1Page - Rohm RBS2MM40C Datasheet HTML 2Page - Rohm RBS2MM40C Datasheet HTML 3Page - Rohm RBS2MM40C Datasheet HTML 4Page - Rohm RBS2MM40C Datasheet HTML 5Page - Rohm RBS2MM40C Datasheet HTML 6Page - Rohm RBS2MM40C Datasheet HTML 7Page - Rohm RBS2MM40C Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
Data Sheet
RBS2MM40C
lElectrical Characteristic Curves
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
D = 1/2
DC
Sin(
θ=180)
T
j = 125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
D = 1/2
DC
Sin(
θ=180)
T
j = 125°C
1
10
100
1000
10000
100000
1000000
0
5
10
15
20
25
30
35
40
T
j = 25°C
T
j = -25°C
T
j = 75°C
T
j = 125°C
0.0001
0.001
0.01
0.1
1
10
0
200
400
600
800
1000
1200
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = -25°C
20
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT : I
o (A)
I
o-PF CHARACTERISTICS
REVERSE VOLTAGE : V
R (V)
V
R-PR CHARACTERISTICS
2/4
2016.05 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com