Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TG.09.0113 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TG.09.0113
Description  Rotatable hinge design for optimal reception
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG.09.0113 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TG.09.0113 Datasheet HTML 1Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 2Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 3Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 4Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 5Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 6Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 7Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 8Page - Taoglas antenna solutions TG.09.0113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SPE-16-8-032/L/NW
Page 2 of 37
1.Introduction
The TG.09 Penta-band Cellular Hinged Rotatable SMA antenna is a high efficiency
monopole antenna. Compared to other much larger antennas on the market, it has
superior wide-band high efficiency characteristics. This antenna is used by many of the
leading wireless device providers in the world marketplace.
The unique rotatable hinge design enables the user to rotate the antenna to the best
angle for an optimal cellular signal reception. As the upper antenna element can
move in any direction, it also reduces damage from impact force from any angle to the
antenna, compared to traditional hinged right angle or fixed fight angle designs or
straight antennas.
The tiny dimensions of this antenna coupled with excellent RF performance and an
aesthetic high end design feel make it the ideal cellular antenna for routers, vehicle
tracking devices, telematics devices, remote monitoring systems, and POS devices.
The TG.09, as all monopole antennas works best connected directly to the
ground-plane of the device main-board. Taoglas offers support services to
characterize antenna efficiency on your individual device ground-plane.
The TG.09 antenna also supports LTE 700MHz band applications when it is directly
connected to ground-planes with lengths above 60mm.
Please contact Taoglas regional support center first if you wish to do PTCRB or network
approvals with this antenna attached to your device, so we can check RF integration is
correct and do a pre-test first to ensure optimized passive and active performance and
a smooth and quick certification approval process.
This antenna also comes in a white version. TG.09.0113W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com