Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS16HT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS16HT1G
Description  Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16HT1G Datasheet(HTML) 1 Page - ON Semiconductor

  BAS16HT1G Datasheet HTML 1Page - ON Semiconductor BAS16HT1G Datasheet HTML 2Page - ON Semiconductor BAS16HT1G Datasheet HTML 3Page - ON Semiconductor BAS16HT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2016
April, 2016 − Rev. 12
1
Publication Order Number:
BAS16HT1/D
BAS16H, SBAS16H
Switching Diode
Features
• S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
100
Vdc
Peak Forward Current
IF
200
mAdc
Non−Repetitive Peak Forward Surge
Current, 60 Hz
IFSM(surge)
500
mAdc
Repetitive Peak Forward Current
(Note 2)
IFRM
1.0
A
Non−Repetitive Peak Forward Current
(Square Wave, TJ = 25°C prior to
surge)
t = 1
ms
t = 10
ms
t = 100
ms
t = 1 ms
t = 1 s
IFSM
36.0
18.0
6.0
3.0
0.7
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR-5 Board
(Note 1)
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance Junction to Ambient
RqJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
150
°C
1. FR-4 Minimum Pad.
2. Square Wave, f = 40 kHz, PW = 200 ns
Test Duration = 60 s, TJ = 25°C prior to surge.
www.onsemi.com
SOD−323
CASE 477
STYLE 1
MARKING DIAGRAM
1
CATHODE
2
ANODE
A6
= Specific Device Code
M
= Date Code
Device
Package
Shipping†
ORDERING INFORMATION
BAS16HT1G
SOD−323
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
A6 M
SBAS16HT1G
SOD−323
(Pb−Free)
3000 /T ape & Reel
BAS16HT3G
SOD−323
(Pb−Free)
10000 / Tape & Reel
SBAS16HT3G
SOD−323
(Pb−Free)
10000 / Tape & Reel


Similar Part No. - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
122Kb / 5P
Small Signal Diode
logo
ON Semiconductor
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
BAS16HT1G ONSEMI-BAS16HT1G Datasheet
95Kb / 4P
Switching Diode
June, 2013 ??Rev. 10
logo
SUNMATE electronic Co.,...
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
logo
Fairchild Semiconductor
BAS16HT1G FAIRCHILD-BAS16HT1G Datasheet
217Kb / 5P
Small Signal Diode
More results

Similar Description - BAS16HT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com